Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54494 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54494
Descripción Electrónicos  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54494 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54494_15 Datasheet HTML 1Page - Texas Instruments TPS54494_15 Datasheet HTML 2Page - Texas Instruments TPS54494_15 Datasheet HTML 3Page - Texas Instruments TPS54494_15 Datasheet HTML 4Page - Texas Instruments TPS54494_15 Datasheet HTML 5Page - Texas Instruments TPS54494_15 Datasheet HTML 6Page - Texas Instruments TPS54494_15 Datasheet HTML 7Page - Texas Instruments TPS54494_15 Datasheet HTML 8Page - Texas Instruments TPS54494_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
V
= 1.5 V (50 mV/div)
O2
Iout (1 A/div)
t - Time - 100 s/div
m
Input Voltage
PGND
PGND
C4
SW1
VIN1
VBST1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW2
PG1
5
1
3
PG2
9
10
11
PGND2
2
4
7
13
12
TPS54494
HTSSOP16
14
8
15
16
PGND
SGND
SGND
C11
VO1
C21
R11
R21
L11
C31
C32
L12
C12
VO2
C22
R12
R22
(PowerPAD)
TPS54494
www.ti.com
SLVSBH1B – JUNE 2012 – REVISED AUGUST 2013
4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Check for Samples: TPS54494
1
FEATURES
APPLICATIONS
2
D-CAP2™ Control Mode
Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
Fast Transient Response
Digital TV Power Supply
No External Parts Required For Loop
Compensation
Networking Home Terminal
Compatible with Ceramic Output
Digital Set Top Box (STB)
Capacitors
DVD Player/Recorder
Wide Input Voltage Range : 4.5 V to 18 V
Gaming Consoles and Other
Output Voltage Range : 0.76V to 7V
DESCRIPTION
Highly Efficient Integrated FETs Optimized for
The TPS54494 is a dual, adaptive on-time D-CAP2™
Low Duty Cycle Applications
mode synchronous buck converter. The TPS54494
90 m
Ω (High Side) and 60 mΩ (Low Side)
enables system designers to complete the suite of
High Initial Reference Accuracy
various end equipment’s power bus regulators with a
cost effective, low component count, and low standby
4A CH1 / 2A CH2 Continuous Load Current
current solution. The main control loops of the
Low-Side rDS(on) Loss-Less Current Sensing
TPS54494 use the D-CAP2™ mode control which
Fixed Soft Start : 1 ms
provides a very fast transient response with no
Non-Sinking Pre-Biased Soft Start
external compensation components. The adaptive on-
time control supports seamless transition between
Powergood
PWM mode at higher load conditions and Eco-
700 kHz Switching Frequency
mode™ operation at light loads. Eco-mode™ allows
Cycle-by-Cycle Over-Current Limit Control
the TPS54494 to maintain high efficiency during
lighter load conditions. The TPS54494 is able to
OCL/UVLO/TSD Protections
adapt to both low equivalent series resistance (ESR)
Hiccup Timer for Overload Protection
output capacitors such as POSCAP or SP-CAP, and
Adaptive Gate Drivers with Integrated Boost
ultra-low
ESR,
ceramic
capacitors.
The
device
PMOS Switch
provides convenient and efficient operation with input
voltages from 4.5V to 18V.
OCP Constant Due To Thermally Compensated
rDS(on) with 4000ppm/℃
The TPS54494 is available in a 4.4 mm × 5 mm 16-
pin TSSOP (PWP) and 4 mm x 4 mm 16-pin VQFN
16-Pin HTSSOP, 16-Pin VQFN
(RSA) package, and is specified for an ambient
Auto-Skip Eco-mode™
 
 for High Efficiency at
temperature range from –40°C to 85°C.
Light Load
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode, Eco-Mode are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54494_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Descripción similar - TPS54494_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495 Datasheet
932Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com