Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54527 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS54527
Descripción Electrónicos  4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54527 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54527_15 Datasheet HTML 1Page - Texas Instruments TPS54527_15 Datasheet HTML 2Page - Texas Instruments TPS54527_15 Datasheet HTML 3Page - Texas Instruments TPS54527_15 Datasheet HTML 4Page - Texas Instruments TPS54527_15 Datasheet HTML 5Page - Texas Instruments TPS54527_15 Datasheet HTML 6Page - Texas Instruments TPS54527_15 Datasheet HTML 7Page - Texas Instruments TPS54527_15 Datasheet HTML 8Page - Texas Instruments TPS54527_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS54527
www.ti.com
SLVSAY5C – JULY 2011 – REVISED MAY 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
18
V
VBST
–0.1
24
VBST (10 ns transient)
-0.1
27
VBST(vs SW)
–0.1
5.7
SS
–0.1
5.7
VI
Input voltage range
EN
–0.1
18
V
VFB
–0.1
5.5
SW
–1.8
18
SW (10 ns transient)
–3
21
GND
–0.1
0.1
VO
Output voltage range
VREG5
–0.1
5.7
V
IO
Output Current range
IVREG5
0
5
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
900
1400
μA
VFB = 0.8 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.6
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, continuous mode
757
765
773
mV
VFBTH
VFB threshold voltage
TA = -40°C to 85°C , VO = 1.05 V, continuous
751
765
779
mV
mode (1)
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.15
μA
VREG5 OUTPUT
TA = 25°C, 6.0 V < VIN < 18 V,
VVREG5
VREG5 output voltage
5.2
5.5
5.7
V
0 < IVREG5 < 5 mA
VLN5
Line regulation
6 V < VIN < 18 V, IVREG5 = 5 mA
25
mV
VLD5
Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 6 V, VREG5 = 4.0 V, TA = 25°C
60
mA
MOSFET
RDS(on)h
High side switch resistance
25°C, VBST - SW = 5.5 V
65
m
RDS(on)l
Low side switch resistance
25°C
36
m
CURRENT LIMIT
Iocl
Current limit
L out = 1.5
μH(1)
5.6
6.4
7.9
A
(1)
Not production tested.
Copyright © 2011–2012, Texas Instruments Incorporated
3
Product Folder Link(s): TPS54527


Número de pieza similar - TPS54527_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54527DDA TI1-TPS54527DDA Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527DDAR TI1-TPS54527DDAR Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
More results

Descripción similar - TPS54527_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com