Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P12347-01 Datasheet(PDF) 9 Page - Hamamatsu Corporation

No. de pieza P12347-01
Descripción Electrónicos  Color sensor proximity sensor and 3-color LED incorporated into a single package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P12347-01 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button P12347-01_15 Datasheet HTML 5Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 6Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 7Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 8Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 9Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 10Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 11Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 12Page - Hamamatsu Corporation P12347-01_15 Datasheet HTML 13Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Color/proximity sensor
P12347-01CT
Flowcharts
After power-on, the built-in power-on reset circuit operates to set
all registers to their initial conditions (2.).
With the initial settings, the product is in sleep mode, waiting for
commands.
To set measurement conditions, enter commands via the I2C bus.
This product starts measuring when ADC reset changes from 1 to 0.
Therefore, to write to registers, ADC reset must be set to 1 (3.).
After setting measurement conditions (4.), release ADC reset to
start measuring (5.). There are two operation modes: fixed time
mode and manual setting mode. In manual setting mode, the prod-
uct automatically enters sleep mode after completing a single mea-
surement. In fixed time mode, the product repeats measurement
and data storage. During this repetition, if ADC reset or Color sleep
is set to 1 with an I2C command, the product stops its operation.
With the initial settings, the proximity sensor is in sleep mode.
Therefore, first disable the sleep mode (3.). Next, set the drive cur-
rent, pulse count, pulse cycle, and the like. Then, release the reset
to start measuring (4. 5.). Proximity sensor continues to measure
until it is set to sleep mode. To end measurement, enable sleep
mode.
Color sensor
Proximity sensor
1. Power-on
2. Power-on reset, initialize
3. Prox. reset = ”1”, prox. sleep release
4. Set measurement conditions
Red LED drive current, prox. period, pulse count
5. Prox. reset = “0”
Proximity detected?
No
6. INT=0
Yes
6. INT=1
Prox. sleep = “1”?
Yes
No
Stop (sleep mode)
1. Power-on
2. Power-on reset, initialize
3. ADC reset = “1”, color sleep release
4. Set measurement conditions
Gain, integration mode, integration time
setting, integration timing register setting
5. ADC reset = “0”
Integration mode?
Fixed time mode
Manual setting mode
6. Measure
7. Save data to register
8. Stop (sleep mode)
Yes
No
Color sleep= “1” ?
7. Save data to register
6. Measure


Número de pieza similar - P12347-01_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Polyfet RF Devices
P123 POLYFET-P123 Datasheet
38Kb / 2P
   PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P123 IRF-P123 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P123 IRF-P123 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P123 VISHAY-P123 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
Connor-Winfield Corpora...
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results

Descripción similar - P12347-01_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
   ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
logo
Meder Electronic
MK9-1A66C MEDER-MK9-1A66C Datasheet
246Kb / 4P
   Reed Sensor Incorporated into a Hirschmann Connector
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
Omron Electronics LLC
B5WC OMRON-B5WC Datasheet
1Mb / 8P
   Color Sensor to Build into Equipment
0822
logo
ams AG
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
   Color and Proximity Sensor Module with mobeam
logo
Maxim Integrated Produc...
MAX44005 MAXIM-MAX44005 Datasheet
3Mb / 27P
   RGB Color, Temperature,and Infrared Proximity Sensor
Rev 0; 5/12
logo
ams AG
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Festo Corporation.
8058731 FESTO-8058731 Datasheet
84Kb / 2P
   Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
   Color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com