Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7216DN Datasheet(PDF) 1 Page - Vishay Telefunken

No. de pieza SI7216DN
Descripción Electrónicos  Dual N-Channel 40-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7216DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SI7216DN Datasheet HTML 1Page - Vishay Telefunken SI7216DN Datasheet HTML 2Page - Vishay Telefunken SI7216DN Datasheet HTML 3Page - Vishay Telefunken SI7216DN Datasheet HTML 4Page - Vishay Telefunken SI7216DN Datasheet HTML 5Page - Vishay Telefunken SI7216DN Datasheet HTML 6Page - Vishay Telefunken SI7216DN Datasheet HTML 7Page - Vishay Telefunken SI7216DN Datasheet HTML 8Page - Vishay Telefunken SI7216DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
Si7216DN
Document Number: 73771
S11-1142-Rev. C, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
Low Thermal Resistance PowerPAK®
Package with Small Size and Low 1.07 mm
Profile
100 % Rg and UIS tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Primary Side Switch
Synchronus Rectification
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequade bottom side solder interconnection.
d. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
Qg (Typ.)
40
0.032 at VGS = 10 V
6e
5.5 nC
0.039 at VGS = 4.5 V
5e
PowerPAK 1212-8
Bottom View
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
3.30 mm
3.30 mm
Ordering Information: Si7216DN-T1-E3 (Lead (Pb)-free)
Si7216DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6e
A
TC = 70 °C
5e
TA = 25 °C
6.5a, b
TA = 70 °C
5.2a, b
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
6e
TA = 25 °C
2a, b
Avalanche Current
L = 0.1 mH
IAS
10
Single-Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipation
TC = 25 °C
PD
20.8
W
TC = 70 °C
13.3
TA = 25 °C
2.5a, b
TA = 70 °C
1.6a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260


Número de pieza similar - SI7216DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7216DN VISHAY-SI7216DN Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN VISHAY-SI7216DN Datasheet
569Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI7216DN-T1-E3 VISHAY-SI7216DN-T1-E3 Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN-T1-GE3 VISHAY-SI7216DN-T1-GE3 Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN VISHAY-SI7216DN_V01 Datasheet
569Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7216DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com