Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54910 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54910
Descripción Electrónicos  3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54910 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54910_15 Datasheet HTML 1Page - Texas Instruments TPS54910_15 Datasheet HTML 2Page - Texas Instruments TPS54910_15 Datasheet HTML 3Page - Texas Instruments TPS54910_15 Datasheet HTML 4Page - Texas Instruments TPS54910_15 Datasheet HTML 5Page - Texas Instruments TPS54910_15 Datasheet HTML 6Page - Texas Instruments TPS54910_15 Datasheet HTML 7Page - Texas Instruments TPS54910_15 Datasheet HTML 8Page - Texas Instruments TPS54910_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS54910
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM
SWITCHER WITH INTEGRATED FETs (SWIFT
™)
6,4 mm X 9,7 mm
Typical Size
SLVS421C − MARCH 2002 − REVISED FEBRUARY 2005
FEATURES
D 15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output
D 0.9-V to 2.5-V Adjustable Output Voltage
D Externally Compensated With 1% Accuracy
D Fast Transient Response
D Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Total Cost
APPLICATIONS
D Low-Voltage, High-Density Systems With
Power Distributed at 3.3 V
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
D Broadband, Networking and Optical
Communications Infrastructure
D Portable Computing/Notebook PCs
DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54910 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
the input voltage reaches 3 V; an internally and
externally set slow-start circuit to limit in-rush currents;
and a power good output useful for processor/logic
reset, fault signaling, and supply sequencing.
The TPS54910 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
SIMPLIFIED SCHEMATIC
50
55
60
65
70
75
80
85
90
95
100
EFFICIENCY AT 700 kHz
IO − Output Current − A
0123
45 6789 10 11 12
VI = 3.3 V,
VO = 2.5 V
VIN
PH
BOOT
PGND
VSENSE
Output
AGND
VBIAS
Input
TPS54910
SIMPLIFIED SCHEMATIC
COMP
Compensation
Network
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2002 − 2005, Texas Instruments Incorporated


Número de pieza similar - TPS54910_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Descripción similar - TPS54910_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54917 TI1-TPS54917 Datasheet
952Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com