Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60101 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS60101
Descripción Electrónicos  REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS60101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60101_15 Datasheet HTML 4Page - Texas Instruments TPS60101_15 Datasheet HTML 5Page - Texas Instruments TPS60101_15 Datasheet HTML 6Page - Texas Instruments TPS60101_15 Datasheet HTML 7Page - Texas Instruments TPS60101_15 Datasheet HTML 8Page - Texas Instruments TPS60101_15 Datasheet HTML 9Page - Texas Instruments TPS60101_15 Datasheet HTML 10Page - Texas Instruments TPS60101_15 Datasheet HTML 11Page - Texas Instruments TPS60101_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS60101
REGULATED 3.3V 100mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214B − JUNE 1999 − REVISED AUGUST 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
3.35
3.2
3.1
3
1.5
2
2.5
3
3.4
3.45
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.5
3.5
4
3.3
3.25
3.15
3.05
VIN − Input Voltage − V
V(SKIP) = VIN or 0 V
V(3V8) = 0 V
IO = 1 mA to 100 mA
Figure 14
3.7
3.4
3.2
3
1.5
2
2.5
3
3.8
3.9
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.10
3.5
4
3.6
3.5
3.3
3.1
VIN − Input Voltage − V
V(SKIP) = VIN or 0 V
V(3V8) = VIN
IO = 10 mA
IO = 100 mA
Figure 15
3.33
3.32
3.31
3.30
01
2
3
4
5
3.34
3.35
OUTPUT VOLTAGE
vs
TIME
3.36
67
8
t − Time −
µs
V(SKIP) = 0 V
V(3V8) = 0 V
VIN = 2.4 V
IO = 50 mA
CO = 22 µF (X5R ceramic)
Constant
Frequency
Mode
Less than
5 mVpp
Figure 16
3.34
3.32
3.3
−5
0
5
10
15
20
25
3.36
OUTPUT VOLTAGE
vs
TIME
3.38
t − Time −
µs
V(SKIP) = VIN
V(3V8) = 0 V
IO = 100 mA
Pulse-Skip Mode
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, unless otherwise noted


Número de pieza similar - TPS60101_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60101 TI1-TPS60101_16 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Descripción similar - TPS60101_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60101 TI1-TPS60101_16 Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com