Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS60151 Datasheet(PDF) 3 Page - Texas Instruments

No. de Pieza. TPS60151
Descripción  TPS60151 5-V and 140-mA Charge Pump
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS60151 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CP-
VIN
VOUT
GND
CP+
ENA
TPS60151
www.ti.com
SLVSA02A – SEPTEMBER 2009 – REVISED OCTOBER 2015
5 Device Comparison Table
PART NUMBER (1)
OUTPUT VOLTAGE
PACKAGE
ORDERING
PACKAGE MARKING
DESIGNATOR
TPS60151
5.0 V
DRV
TPS60151DRV
OCN
(1)
The DRV (2 mm x 2 mm 6 terminal SON) package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel and
T suffix to order quantities with 250 parts per reel.
6 Pin Configuration and Functions
QFN Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
1
Ground
VIN
2
IN
Supply voltage input
VOUT
3
OUT
Output, connect to the output capacitor
CP+
4
Connect to the flying capacitor
CP–
5
Connect to the flying capacitor
ENA
6
IN
Hardware enable/disable pin (High = Enable)
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage (all pins)
–0.3
7
V
TA
Operating temperature
–40
85
°C
TJ
Maximum operating junction temperature
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS60151


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn