Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60303 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60303
Descripción Electrónicos  TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS60303 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60303 Datasheet HTML 1Page - Texas Instruments TPS60303 Datasheet HTML 2Page - Texas Instruments TPS60303 Datasheet HTML 3Page - Texas Instruments TPS60303 Datasheet HTML 4Page - Texas Instruments TPS60303 Datasheet HTML 5Page - Texas Instruments TPS60303 Datasheet HTML 6Page - Texas Instruments TPS60303 Datasheet HTML 7Page - Texas Instruments TPS60303 Datasheet HTML 8Page - Texas Instruments TPS60303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SLVS302B – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
6 Device Comparison Table
DGS
OUTPUT
OUTPUT
OUTPUT
OUTPUT
PART NUMBER (1)
PACKAGE
CURRENT 1
CURRENT 2
FEATURE
VOLTAGE 1 [V]
VOLTAGE 2 [V]
MARKING
[mA] (2)
[mA] (3)
Open-drain power-
TPS60300DGS
ALF
40
20
2 × VIN
3.3
good output
Open-drain power-
TPS60301DGS
ALG
40
20
2 × VIN
3
good output
Push-pull power-
TPS60302DGS
ALI
40
20
2 × VIN
3.3
good output
Push-pull power-
TPS60303DGS
ALK
40
20
2 × VIN
3
good output
(1)
The DGS package is available taped and reeled. Add R suffix to device type (for example, TPS60300DGSR) to order quantities of 2500
devices per reel.
(2)
If OUT2 is not loaded.
(3)
If OUT1 is not loaded.
7 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
C1+
4
Positive pin of the flying capacitor C1F
C1–
2
Negative pin of the flying capacitor C1F
C2+
7
Positive pin of the flying capacitor C2F
C2–
8
Negative pin of the flying capacitor C2F
Device-enable input
EN
1
I
– EN = Low disables the device. Output and input are isolated in shutdown mode.
– EN = High enables the device.
GND
9
Ground
OUT1
5
O
2 × VIN power output. Bypass OUT1 to GND with the output filter capacitor C(OUT1).
Regulated
OUT2
6
O
3.3-V power output (TPS60300, TPS60302) or 3-V power output (TPS60301, TPS60303), respectively
Bypass OUT2 to GND with the output filter capacitor C(OUT2).
Power good detector output. As soon as the voltage on OUT2 reaches about 98% of its nominal value this pin
goes high.
PG
10
O
Open-drain output on TPS60300 and TPS60301. A pull-up resistor should be connected between PG and
OUT1 or OUT2.
Push-pull output stage on TPS60302 and TPS60303
VIN
3
I
Supply input. Bypass VIN to GND with a ≥1-µF capacitor.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60300 TPS60301 TPS60302 TPS60303


Número de pieza similar - TPS60303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60303 TI-TPS60303 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60303 TI1-TPS60303 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60303DGS TI-TPS60303DGS Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60303DGS TI1-TPS60303DGS Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60303DGSG4 TI-TPS60303DGSG4 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
More results

Descripción similar - TPS60303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com