Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61016 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS61016
Descripción  TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61016 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
VBAT
LBI
ADEN
EN
VOUT
LBO
FB
COMP
SW
GND
CIN
10
µF
L1
10
µH
R3
COUT
22
µF
CC1
10 pF
CC2
10 nF
RC
100 k
6
9
8
1
4
2
3
10
5
7
OFF
ON
VOUT = 3.3 V
Low Battery Warning
TPS61016
R1
R2
List of Components:
IC1:
Only Fixed Output Versions
(Unless Otherwise Noted)
L1:
SUMIDA CDRH6D38 – 100
CIN:
X7R/X5R Ceramic
COUT : X7R/X5R Ceramic
TPS61010, TPS61011, TPS61012, TPS61013, TPS61014, TPS61015, TPS61016
www.ti.com
SLVS314F – SEPTEMBER 2000 – REVISED AUGUST 2015
8 Parameter Measurement Information
Figure 16. Circuit Used for Typical Characteristics Measurements
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61010 TPS61011 TPS61012 TPS61013 TPS61014 TPS61015 TPS61016


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn