Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61025 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61025
Descripción Electrónicos  TPS6102x 96% Efficient Synchronous Boost Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61025 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61025 Datasheet HTML 2Page - Texas Instruments TPS61025 Datasheet HTML 3Page - Texas Instruments TPS61025 Datasheet HTML 4Page - Texas Instruments TPS61025 Datasheet HTML 5Page - Texas Instruments TPS61025 Datasheet HTML 6Page - Texas Instruments TPS61025 Datasheet HTML 7Page - Texas Instruments TPS61025 Datasheet HTML 8Page - Texas Instruments TPS61025 Datasheet HTML 9Page - Texas Instruments TPS61025 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IO - Output Current - mA
VBAT = 2.4 V
VBAT = 0.9 V
VO = 3.3 V
VBAT = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IO - Output Current - mA
VBAT = 1.2 V
VBAT = 3.6 V
VBAT = 2.4 V
VO = 5 V
VBAT = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VBAT = 0.9 V
VBAT = 1.8 V
VO = 1.8 V
IO - Output Current - mA
0
200
400
600
800
1000
1200
1400
0.9
1.7
2.5
3.3
4.1
4.9
6.5
5.7
VI - Input Voltage - V
VO = 3.3 V
VO = 5 V
VO = 1.8 V
TPS61020, TPS61024, TPS61025, TPS61026, TPS61027, TPS61028, TPS61029
SLVS451G – SEPTEMBER 2003 – REVISED DECEMBER 2014
www.ti.com
8.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
Maximum output current
vs Input voltage (TPS61020)
Figure 1
vs Output current (TPS61020)
Figure 2
vs Output current (TPS61025)
Figure 3
Efficiency
vs Output current (TPS61027)
Figure 4
vs Input voltage (TPS61025)
Figure 5
vs Input voltage (TPS61027)
Figure 6
vs Output current (TPS61025)
Figure 7
Output voltage
vs Output current (TPS61027)
Figure 8
No load supply current into VBAT
vs Input voltage
Figure 9
No load supply current into VOUT
vs Input voltage
Figure 10
Figure 1. TPS61020 Maximum Output Current vs Input
Figure 2. TPS61020 Efficiency vs Output Current
Voltage
Figure 3. TPS61025 Efficiency vs Output Current
Figure 4. TPS61027 Efficiency vs Output Current
6
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS61020 TPS61024 TPS61025 TPS61026 TPS61027 TPS61028 TPS61029


Número de pieza similar - TPS61025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61025 TI-TPS61025 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61025 TI-TPS61025 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61025DRC TI-TPS61025DRC Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61025DRC TI-TPS61025DRC Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
More results

Descripción similar - TPS61025

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com