Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60131 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60131
Descripción Electrónicos  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS60131 Datasheet(HTML) 4 Page - Texas Instruments

  TPS60131 Datasheet HTML 1Page - Texas Instruments TPS60131 Datasheet HTML 2Page - Texas Instruments TPS60131 Datasheet HTML 3Page - Texas Instruments TPS60131 Datasheet HTML 4Page - Texas Instruments TPS60131 Datasheet HTML 5Page - Texas Instruments TPS60131 Datasheet HTML 6Page - Texas Instruments TPS60131 Datasheet HTML 7Page - Texas Instruments TPS60131 Datasheet HTML 8Page - Texas Instruments TPS60131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
operating principle
The TPS6031X charge pumps are voltage quadruplers that provide a regulated 3.3-V or 3-V output from a 0.9-V
to 1.8-V input. They deliver a maximum load current of 20 mA. Designed specifically for space critical battery
powered applications, the complete converter requires only five external capacitors and enables the design to
use low-cost, small-sized, 1-
µF ceramic capacitors. The TPS6031X circuits consist of an oscillator, a voltage
reference, an internal resistive feedback circuit, two error amplifiers, two charge pump stages with MOSFET
switches, a shutdown/start-up circuit, and a control circuit.
snooze mode
The devices contain a circuit which dramatically reduces the quiescent current at light loads. This so called
snooze mode must be enabled by pulling the SNOOZE pin low. When the output current decreases below the
snooze mode threshold, the device enters the snooze mode. In snooze mode, the main error amplifier with 4%
error and 50-
µA supply current is disabled and a 10%, 2-µA regulator controls the output voltage.
start-up procedure
The start-up performance of the device is independent of the level of the snooze input. When voltage is applied
to the input, CP1 will first enter a dc start-up mode during which the capacitor on OUT1 is charged up to about
VIN. After that, it starts switching to boost the voltage further up to about two times VIN. CP1 first enters a dc
start-up mode during which the capacitor on OUT1 is charged up to about VIN. CP2 then follows and charges
up the capacitor on OUT2 to about the voltage on OUT1, after that, it also starts switching and boosts up the
voltage to its nominal value. The voltage at the SNOOZE pin must not exceed the highest voltage applied to
the device.
NOTE:
During start-up with VOUT = 0 V, the highest voltage is the input voltage.
power-good detector
The power-good output is an open-drain output on the TPS60310 and TPS60311 or a push-pull output on the
TPS60312 and TPS60313. The PG-output pulls low when the output of OUT2 is out of regulation. When the
output rises to within 98% of regulation, the power-good output goes active high. In shutdown, power-good is
pulled low. In normal operation, an external pullup resistor with the TPS60310 and TPS60311 is typically used
to connect the PG pin to VOUT. The resistor should be in the 100-k
Ω to 1-MΩ range. If the PG output is not used,
it should remain unconnected. Output current at PG (TPS60312, TPS60313) reduces maximum output current
at OUT2.
In snooze mode, the output voltage is sampled at a rate up to 2 ms and is applied to the power-good comparator.
In normal mode, the output voltage is measured continuously.


Número de pieza similar - TPS60131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60131 TI-TPS60131 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131 TI1-TPS60131 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131 TI1-TPS60131 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60131PWP TI-TPS60131PWP Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131PWP TI1-TPS60131PWP Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Descripción similar - TPS60131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com