Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2308BDS Datasheet(PDF) 5 Page - Vishay Telefunken

No. de pieza SI2308BDS
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI2308BDS Datasheet(HTML) 5 Page - Vishay Telefunken

  SI2308BDS Datasheet HTML 1Page - Vishay Telefunken SI2308BDS Datasheet HTML 2Page - Vishay Telefunken SI2308BDS Datasheet HTML 3Page - Vishay Telefunken SI2308BDS Datasheet HTML 4Page - Vishay Telefunken SI2308BDS Datasheet HTML 5Page - Vishay Telefunken SI2308BDS Datasheet HTML 6Page - Vishay Telefunken SI2308BDS Datasheet HTML 7Page - Vishay Telefunken SI2308BDS Datasheet HTML 8Page - Vishay Telefunken SI2308BDS Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 69958
S-83053-Rev. B, 29-Dec-08
www.vishay.com
5
Vishay Siliconix
Si2308BDS
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
0.6
1.2
1.8
2.4
3.0
0
255075
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)


Número de pieza similar - SI2308BDS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2308BDS VISHAY-SI2308BDS Datasheet
117Kb / 7P
   N-Channel 60-V (D-S) MOSFET
S-80429-Rev. A, 03-Mar-08
SI2308BDS VISHAY-SI2308BDS Datasheet
257Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
Si2308BDS VISHAY-Si2308BDS Datasheet
256Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI2308BDS VISHAY-SI2308BDS Datasheet
225Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI2308BDS-T1-E3 VISHAY-SI2308BDS-T1-E3 Datasheet
117Kb / 7P
   N-Channel 60-V (D-S) MOSFET
S-80429-Rev. A, 03-Mar-08
More results

Descripción similar - SI2308BDS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com