Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4056DY Datasheet(PDF) 2 Page - Vishay Telefunken

No. de pieza SI4056DY
Descripción Electrónicos  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4056DY Datasheet(HTML) 2 Page - Vishay Telefunken

  SI4056DY Datasheet HTML 1Page - Vishay Telefunken SI4056DY Datasheet HTML 2Page - Vishay Telefunken SI4056DY Datasheet HTML 3Page - Vishay Telefunken SI4056DY Datasheet HTML 4Page - Vishay Telefunken SI4056DY Datasheet HTML 5Page - Vishay Telefunken SI4056DY Datasheet HTML 6Page - Vishay Telefunken SI4056DY Datasheet HTML 7Page - Vishay Telefunken SI4056DY Datasheet HTML 8Page - Vishay Telefunken SI4056DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 62662
S12-1136-Rev. A, 21-May-12
Vishay Siliconix
Si4056DY
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
67
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.5
2.8
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS 10 V, ID = 15 A
0.017
0.023
VGS 7.5 V, ID = 12 A
0.018
0.024
VGS 4.5 V, ID = 10 A
0.022
0.031
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
26
S
Dynamicb
Input Capacitance
Ciss
VDS = 50 V, VGS = 0 V, f = 1 MHz
900
pF
Output Capacitance
Coss
340
Reverse Transfer Capacitance
Crss
31
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 10 A
19.6
29.5
nC
VDS = 50 V, VGS = 4.5 V, ID = 10 A
9.7
15
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
4.3
Output Charge
Qoss
VDS = 50 V, VGS = 0 V
26.2
40
Gate Resistance
Rg
f = 1 MHz
0.2
0.85
1.7
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 5 
ID  10 A, VGEN = 7.5 V, Rg = 1 
13
26
ns
Rise Time
tr
14
28
Turn-Off Delay Time
td(off)
19
38
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 5 
ID  10 A, VGEN = 10 V, Rg = 1 
11
22
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
20
40
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
5.1
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 4 A
0.77
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, di/dt = 100 A/µs, TJ = 25 °C
34
65
ns
Body Diode Reverse Recovery Charge
Qrr
34
65
nC
Reverse Recovery Fall Time
ta
20
ns
Reverse Recovery Rise Time
tb
14


Número de pieza similar - SI4056DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4056DY VISHAY-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Guangdong Kexin Industr...
SI4056DY KEXIN-SI4056DY Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4056DY DOINGTER-SI4056DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
SI4056DY-HF KEXIN-SI4056DY-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI4056DY-T1-GE3 VISHAY-SI4056DY-T1-GE3 Datasheet
215Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4056DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com