Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCDN608-UBM Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza FCDN608-UBM
Descripción Electrónicos  1-Channel ESD Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN608-UBM Datasheet(HTML) 2 Page - ON Semiconductor

  FCDN608-UBM Datasheet HTML 1Page - ON Semiconductor FCDN608-UBM Datasheet HTML 2Page - ON Semiconductor FCDN608-UBM Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FCDN608−UBM
http://onsemi.com
2
Table 1. PIN DESCRIPTIONS
FCDN608−UBM (Schematic and Top View)
Designation
Schematic
Top View
Metal Composition
1
Signal Node
Wirebond Pad
Al
2
Signal Node
DAP
Cu
3
Reference Node
Test Point
4
Reference Node
N/A
Bare Silicon
Table 2. ORDERING INFORMATION
Ordering Part Number
DAP (Die Attach Pad)
Backside Metal
BG Thickness
Shipping Method
FCDN608−UBM
Cu (Copper)
Bare Silicon
10 mils
Wafer Form
SPECIFICATIONS
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Operating Junction Temperature Range
−40 to +150
C
Storage Junction Temperature Range
−65 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Junction Temperature Range
−40 to +150
C
Table 5. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILEAK
Leakage Current
V = 5 V, 25C
V = −10 V, 25C
V = 5 V, 150C
+0.35
−0.35
4.0
mA
mA
mA
VCL
Clamp Voltage on Signal Node
Positive Polarity
Negative Polarity
TA = 25C
at 10 mA
at −10 mA
+5
−14
+7
−11.5
+9
−10
V
VESD
ESD Protection − Withstand Voltage:
Human Body Model
(MIL−STD−883, Method 3015)
TA = 25C
15
kV
VCL_ESD
Clamping Voltage on Signal Node for Transients
Positive Polarity
Negative Polarity
IPP = 1 A, tP = 8/20 ms
Positive Transients
Negative Transients
+7
−12
V
RDYN
Dynamic Resistance
RDYN+
RDYN−
IPP = 1 A, tP = 8/20 ms
Positive Transients
Negative Transients
0.2
0.4
W
CIN
Input Capacitance
At 1 MHz, 30 mV osc. Level,
0 VDC Bias (Note 2)
At 1 MHz, 30 mV osc. Level,
3 VDC Bias
175
120
pF
1. Operating characteristics are over standard operating conditions unless otherwise specified.


Número de pieza similar - FCDN608-UBM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
FCDN605-UBM ONSEMI-FCDN605-UBM Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
More results

Descripción similar - FCDN608-UBM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
FCDN605 ONSEMI-FCDN605 Datasheet
304Kb / 3P
   1-Channel ESD Protector
April, 2011 ??Rev. 3
HBL2020 ONSEMI-HBL2020 Datasheet
47Kb / 3P
   1-Channel ESD Protector
June, 2015 ??Rev. 0
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com