Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75839PW Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza LC75839PW
Descripción Electrónicos  Duty General-Purpose LCD Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75839PW Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75839PW Datasheet HTML 7Page - ON Semiconductor LC75839PW Datasheet HTML 8Page - ON Semiconductor LC75839PW Datasheet HTML 9Page - ON Semiconductor LC75839PW Datasheet HTML 10Page - ON Semiconductor LC75839PW Datasheet HTML 11Page - ON Semiconductor LC75839PW Datasheet HTML 12Page - ON Semiconductor LC75839PW Datasheet HTML 13Page - ON Semiconductor LC75839PW Datasheet HTML 14Page - ON Semiconductor LC75839PW Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC75839PW
No.A1953-11/27
(2) When CL is stopped at the high level
Note: DD is the direction data.
• CCB address ......................... “51H”
• D1 to D159 ........................... Display data
• PS10, PS11, PS2 to PS4 ........ General-purpose output port (P1 to P4) function setting control data
• EXF ...................................... External clock operating frequency setting control data
• P0 to P2 ................................ Segment output port/general-purpose output port switching control data
• DT ........................................ 1/4-duty 1/3-bias drive or 1/3-duty 1/3-bias drive switching control data
• DN ........................................ S52 pin and S53/OSCI pin state setting control data
• FC0 to FC2 ........................... Common/segment output waveform frame frequency control data
• OC ........................................ Internal oscillator operating mode/external clock operating mode switching control data
• SC ......................................... Segment on/off control data
• BU ........................................ Normal mode/power-saving mode control data
• PF0 to PF3 ............................ PWM output waveform frame frequency setting control data
• W10 to W15, W20 to W25,... PWM data of the PWM output
W30 to W35
FC0
SC
B1
B0
D2
D1
0
0
1
0
1
D53
D48
D47
DI
CL
CE
B3
B2
A1
A0
A3
A2
1
0
0
D50
D49
D52
D51
0
D54
0P1
P0
EXF
PS11
DT
P2
DN
BU
0
0
PS10
OC
FC1 FC2
PF2
B1
B0
0
0
1
0
1
D107
D102
D56
D55
B3
B2
A1
A0
A3
A2
1
0
0
0
D108
00
01
0
D106
D105
D104
D103
0 PS2
PS4
PS3
PF0 PF1
PF3
00
00
D101
W34
B1
B0
0
0
1
0
1
W10
D156
D110
D109
D155
B3
B2
A1
A0
A3
A2
1
0
0
W20
W15
W21
W23
W22
0
1
W24 W25
W31
W30
W32 W33
W35
W14
W13
W11 W12
D157 D158 D159 0
DD
2 bits
Control data
16 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
54 bits
CCB address
8 bits
DD
2 bits
Display data
51 bits
CCB address
8 bits
Control data
16 bits
Control data
19 bits


Número de pieza similar - LC75839PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW-H ONSEMI-LC75839PW-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWH-H ONSEMI-LC75839PWH-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWS-H ONSEMI-LC75839PWS-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Descripción similar - LC75839PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com