Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75847T Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza LC75847T
Descripción Electrónicos  Duty General-Purpose LCD Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75847T Datasheet(HTML) 5 Page - ON Semiconductor

  LC75847T Datasheet HTML 1Page - ON Semiconductor LC75847T Datasheet HTML 2Page - ON Semiconductor LC75847T Datasheet HTML 3Page - ON Semiconductor LC75847T Datasheet HTML 4Page - ON Semiconductor LC75847T Datasheet HTML 5Page - ON Semiconductor LC75847T Datasheet HTML 6Page - ON Semiconductor LC75847T Datasheet HTML 7Page - ON Semiconductor LC75847T Datasheet HTML 8Page - ON Semiconductor LC75847T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Pin Functions
No. 7389-5/27
LC75847T
Symbol
Pin No.
Function
Active
I/O
Handling
when unused
1 to 8
9 to 105
109 to 107
106
116
118
120
119
117
112
S1/P1 to S8/P8
S9 to S105
COM1 to COM3
COM4/S106
OSC
CE
CL
DI
INH
VLCD0
Segment outputs for displaying the display data transferred by serial data input. The
pins S1/P1 to S8/P8 can be used as general-purpose output ports when so set up by
the control data.
Common driver outputs.
The frame frequency is fO Hz.
The COM4/S106 pin can be used as a segment output in 1/3 duty.
Oscillator connection.
An oscillator circuit is formed by connecting an external resistor and capacitor to this
pin.
Serial data transfer inputs. These pins are connected to the control microprocessor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
Display off control input
• INH = low (VSS) ....Off
S1/P1 to S8/P8 = low (VSS)
(These pins are forcibly set to the segment output port function
and fixed at the VSS level.)
S9 to S105 = low (VSS)
COM1 to COM3 = low (VSS)
COM4/S106 = low (VSS)
• INH = high (VDD) ..On
Note that serial data transfers can be performed when the display is forced off by this
pin.
LCD drive 3/3 bias voltage (high level) supply. This level can be modified using the
display contrast adjustment circuit. However, note that VLCD0 must be greater than or
equal to 2.7 V. Also, since this IC provides the built-in display contrast adjustment
circuit, applications must not attempt to provide this level from external circuits.
H
L
O
O
I/O
I
I
I
I
O
Open
Open
VDD
GND
GND
Open
113
114
110
111
VLCD1
VLCD2
VDD
VLCD
LCD drive 2/3 bias voltage (middle level) supply. It is possible to supply the 2/3 VLCD0
voltage to this pin externally. This pin must be shorted to VLCD2 if 1/2 bias is used.
LCD drive 1/3 bias voltage (middle level) supply. It is possible to supply the 1/3 VLCD0
voltage to this pin externally. This pin must be shorted to VLCD1 if 1/2 bias is used.
Logic block power supply. Provide a voltage in the range 2.7 to 6.0 V.
LCD driver block power supply. When VLCD0 is between 0.70 VLCD and 0.95 VLCD,
supply a voltage in the range 4.0 to 6.0 V. When VLCD0 and VLCD will be equal, supply
a voltage in the range 2.7 to 6.0 V.
I
I
Open
Open
115
VSS
Ground pin. Connect to ground.


Número de pieza similar - LC75847T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75847T ONSEMI-LC75847T Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847T-E ONSEMI-LC75847T-E Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847TS-E ONSEMI-LC75847TS-E Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Descripción similar - LC75847T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com