Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53246 Datasheet(PDF) 4 Page - Micropac Industries

No. de Pieza. 53246
Descripción  RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo 

53246 Datasheet(HTML) 4 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
01/30/01
Preliminary Data Sheet
53246
Radiation Tolerant 40VDC – 2A Solid State Relay
PULSE
GENERATOR
50%
MONITOR
90%
ON
10%
OFF
MONITOR
2
50%
3
(INCLUDES PROBE AND
FIXTURE CAPACITANCE)
1
4
R = 20
V
= 40 V
L
VO
CL
LOAD
F
I
F
I
O
V
t
Z
= 50
O
R
t
= t
= 10ns
F
t
(100mV/mA)
= 25 pF
100
Figure 3. Switching Waveforms and Test Circuits
Figure 4. Turn-on Time vs. Case Temperature
Figure 5. Turn-off Time vs. Case Temperature
for Different Values of IF (typical data).
with IF = 5 to 15mA (typical data).
0
5
10
15
20
25
-55-25
5
35
65
95125
Temperature (°C)
5mA
10mA
15mA
0
20
40
60
80
-55
-25
5
35
65
95
125
Temperature (°C)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn