Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53246 Datasheet(PDF) 2 Page - Micropac Industries

No. de Pieza. 53246
Descripción  RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo 

53246 Datasheet(HTML) 2 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
01/30/01
Preliminary Data Sheet
53246
Radiation Tolerant 40VDC – 2A Solid State Relay
RECOMMENDED OPERATING CONDITIONS:
Parameter
Symbol
Min.
Max.
Units
Output Voltage
VO (OFF)
40
VDC
Continuous Output Current
IO (ON)
2A
Input Current (on)
IF (ON)
515
mA
Input Voltage (off)
VF (OFF)
01
VDC
Operating Case Temperature
TC
-55
125
°C
ELECTRICAL SPECIFICATIONS (Pre-Irradiation)
TC= -55°C to +125°C unless otherwise specified
Parameter
Symbol
Min.
Typ.*
Max.
Unit
s
Test Conditions
Notes
Output On-Resistance
R (ON)
.032
.060
IF = 15 mA
IO = 1 A
Output Leakage Current
IO (OFF)
<1
250
µA
VF = 1 VDC
VO = 50 VDC
Input Forward Voltage
VF
3.10
3.75
4.20
VDC
IF = 15 mA
Input Reverse Breakdown Voltage
VR
640
VDC
IR = 10 µA
Input-Output Leakage
II-O

1
µA
RH
≤ 45%, t = 5 s
VI-O = 1000 VDC
TC = 25°C
4, 5
Turn-On Time
tON
2.8
8.0
ms
Figures
3, 4
Turn-Off time
tOFF
61
80
ms
Figures
3, 5
Rise Time
tR
2.1
6.0
ms
Fall Time
tF
31
50
ms
IF = 15 mA
IO = 10 A
V load = 40 VDC
Pulse width = 10 ms
Duty cycle
≤ 1%
6,
Figure 3
Thermal Resistance (junction-case)
θJC
5.5
°C/W
Output Off-Capacitance
CO (OFF)
1.8
nF
VO = 28 VDC
f = 1 MHz
Input Capacitance
CIN
27
pF
VF = 0 V
f = 1 MHz
Input-Output Capacitance
CI-O
3.8
pF
VI-O = 0 V
f = 1 MHz
4
* All typical values are at TC = 25°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn