Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53250 Datasheet(PDF) 6 Page - Micropac Industries

No. de Pieza. 53250
Descripción  RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo 

53250 Datasheet(HTML) 6 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
01/18/02
6
53250
Radiation Tolerant 40VDC - 10A Solid State Relay
Figure 10. Turn-Off Time vs Total Dose
Figure 11. Fall Time vs Total Dose
at Vout = 20 V, Rload = 4 Ω,
at Vout = 20 V, Rload = 4 Ω,
Iin = 15 mA, 10% duty cycle.
Iin = 15 mA, 10% duty cycle.
Figure 12. On-Resistance vs Total Dose
Figure 13. Output Leakage Current vs Total Dose
at IF = 10 mA, Iout = 100 mA for 1s.
at VF = 1 V, Vout = 50 V.
0
20
40
60
80
050
100
Total Dose, krad (Si)
0.0
0.5
1.0
0
50
100
Total Dose, krad (Si)
0.0
0.5
1.0
0
50
100
Total Dose, krad (Si)
0.02
0.03
0.04
050
100
Total Dose, krad (Si)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn