Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53257 Datasheet(PDF) 1 Page - Micropac Industries

No. de Pieza. 53257
Descripción  RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo 

53257 Datasheet(HTML) 1 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
PRELIMINARY DATA SHEET
53257
RADIATION TOLERANT
120VDC – 2A SOLID STATE RELAY
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Design for 100 krad(Si) Total Dose
Hermetically Sealed in Surface Mount Package
Low On-resistance
2A Continuous Output Current
Operation over Full Military Temperature
Range -55°C to +125°C
Optically Coupled
Input / Output Isolation Tested to 1000 VDC
Shock and Vibration Resistance
Applications:
Satellite/Space Systems
Military/High Reliability Systems
Power Distribution/Switching
Solenoid Driver
Stepper Motor Driver
Switching Heaters
DESCRIPTION
The 53257 is a radiation tolerant, DC solid-state relay (SSR) designed for military and space applications. This light
weight device is resistant to damage from severe shock and vibration, and is immune to contact related problems
inherent in electro-mechanical relays. The 53257 SSR is enclosed in a hermetic metal package to ensure reliability
in harsh environments. Effective isolation of 1000 VDC between control and load circuits is achieved through the
use of optical coupling.
Functionally, the device operates as a single-pole single-throw, normally open (1 Form A) DC solid-state relay. The
53257 SSR is actuated by an input current of 5 to 15 mA, which can be supplied from a standard TTL device.
Output is provided by a power MOSFET exhibiting low RDS(ON) and capable of carrying a continuous current of 2
amperes. This device is designed to function with minimal degradation after exposure to 100 krad(Si) total dose.
This device is available in a variety of quality of levels from COTS to class K including any custom screening
requirements. The basic data sheet part is environmentally screened to H level in accordance with Table C-IX of
MIL-PRF-38534.
ABSOLUTE MAXIMUM RATINGS
Output Voltage ..................................................................................................................................................... 150 VDC
Continuous Output current ............................................................................................................................................2 A
Storage Temperature Range ..................................................................................................................-65°C to +150°C
Operating Junction Temperature...........................................................................................................................+150°C
Lead Solder Temperature, for 10 seconds .............................................................................................................300°C
Continuous Input Current .........................................................................................................................................20 mA
Peak Input Current
(1)............................................................................................................................................. 100 mA
Reverse Input Voltage............................................................................................................................................. 6 VDC
WEIGHT: ........................................................................................................................................3.7 grams (typical)


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn