Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53257 Datasheet(PDF) 3 Page - Micropac Industries

No. de Pieza. 53257
Descripción  RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROPAC [Micropac Industries]
Página de inicio  http://www.micropac.com
Logo 

53257 Datasheet(HTML) 3 Page - Micropac Industries

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
Preliminary Data Sheet
53257
Radiation Tolerant 120VDC - 2A Solid State Relay
_________________________________________________________________
INPUT
OUTPUT
ON
ON
OFF
OFF
Figure 1. Truth Table
RLOAD
+VC
3
2
1
-VC
4
+DC SUPPLY
OUTPUT GND
TOP VIEW
RS
Figure 2. Terminal Connections
PULSE
GENERATOR
50%
MONITOR
90%
ON
10%
OFF
MONITOR
2
50%
3
(INCLUDES PROBE AND
FIXTURE CAPACITANCE)
1
4
R = 20
V
= 40 V
L
VO
CL
LOAD
F
I
F
I
O
V
t
Z
= 50
O
R
t
= t
= 10ns
F
t
(100mV/mA)
= 25 pF
100
Figure 3. Switching Waveforms and Test Circuits


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn