Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62102D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62102D
Descripción Electrónicos  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62102D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62102D Datasheet HTML 5Page - Texas Instruments TPS62102D Datasheet HTML 6Page - Texas Instruments TPS62102D Datasheet HTML 7Page - Texas Instruments TPS62102D Datasheet HTML 8Page - Texas Instruments TPS62102D Datasheet HTML 9Page - Texas Instruments TPS62102D Datasheet HTML 10Page - Texas Instruments TPS62102D Datasheet HTML 11Page - Texas Instruments TPS62102D Datasheet HTML 12Page - Texas Instruments TPS62102D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown and synchronization
The TPS6210x family incorporates a dual function shutdown and synchronization pin. Pulsing the SD/SYNC
pin higher than 1 V forces the internal oscillator to reset, allowing synchronization to an external signal source.
It is recommended that the part not be synchronized higher than two times its nominal operating frequency. The
reason for this is that synchronizing to a higher frequency causes the internal saw-tooth voltage to have less
amplitude. Since this is the signal that is compared to the error-amplifier output to determine the duty cycle, the
reduction in amplitude causes a corresponding increase in PWM gain as well as increased susceptibility to
noise. Doubling the operating frequency through synchronization effectively cuts the saw-tooth amplitude in
half, doubling the PWM gain.
Bringing the SD/SYNC pin high and holding it for more than 20
µs forces the chip to enter a shutdown state.
This causes almost all sections of the chip to enter a dormant state to conserve power. Bringing this pin low
again allows the chip to resume operation, starting with a full soft-start cycle.
This pin must not be allowed to float, since there are no internal pulldown resistors. Floating this pin could cause
the device to operate erratically.
error amplifier
The internal error amplifier has a unity gain frequency of 3 MHz (typ). When designing a compensation network
for this chip, the response of the error amplifier may be a limiting consideration. This is especially true with the
1-MHz and 2-MHz switching frequencies. The phase and gain characteristics of the error amplifier are shown
in Figure 1.
Due to the method of sensing voltage thresholds in the variable-frequency mode, it is recommended that the
compensation loop use integral compensation (no dc path from the COMP pin to the FB pin) if the chip is allowed
to automatically switch between constant- and variable-frequency modes of operation. The reason for this is
to avoid dc offsets creeping into the sense point and changing the nominal output voltage in the
variable-frequency mode.


Número de pieza similar - TPS62102D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62102D TI-TPS62102D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Descripción similar - TPS62102D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com