Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62200 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS62200
Descripción Electrónicos  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62200_15 Datasheet HTML 7Page - Texas Instruments TPS62200_15 Datasheet HTML 8Page - Texas Instruments TPS62200_15 Datasheet HTML 9Page - Texas Instruments TPS62200_15 Datasheet HTML 10Page - Texas Instruments TPS62200_15 Datasheet HTML 11Page - Texas Instruments TPS62200_15 Datasheet HTML 12Page - Texas Instruments TPS62200_15 Datasheet HTML 13Page - Texas Instruments TPS62200_15 Datasheet HTML 14Page - Texas Instruments TPS62200_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1
C1
2
10 kHz
R1
=
´ p ´
´
out
R1
V
0.5 V
1
R2
æ
ö
=
´
+
ç
÷
è
ø
VI
GND
EN
SW
FB
C3
4.7 mF
L1
10 mH
C4
10 mF
TPS62200
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
R1
470k
R2
180k
C1
33 pF
C2
100 pF
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
www.ti.com
SLVS417F – MARCH 2002 – REVISED JUNE 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS6220x devices are a family of high-efficiency synchronous step-down converters ideally suited for
portable systems powered by 1-cell Li-Ion or 3-cell NiMH/NiCd batteries. The devices are also suitable to operate
from a standard 3.3-V or 5-V voltage rail.
8.2 Typical Application
Figure 5. Typical Application Circuit for the Adjustable Output Voltage
8.2.1 Design Requirements
The Detailed Design Procedure provides a component selection to operate the device within the Recommended
Operating Conditions.
8.2.2 Detailed Design Procedure
8.2.2.1 Adjustable Output Voltage Version
When the adjustable output voltage version TPS62200 is used, the output voltage is set by the external resistor-
divider. See Figure 5.
The output voltage is calculated as:
where
R1 + R2
≤ 1 MΩ and internal reference voltage V(ref)typ = 0.5 V.
(4)
R1 + R2 should not be greater than 1 M
Ω for reasons of stability. To keep the operating quiescent current to a
minimum, the feedback resistor-divider should have high impedance with R1+R2
≤ 1 MΩ. Because of the high
impedance and the low reference voltage of Vref = 0.5 V, the noise on the feedback pin (FB) needs to be
minimized. Using a capacitive divider C1 and C2 across the feedback resistors minimizes the noise at the
feedback without degrading the line or load transient performance.
C1 and C2 should be selected as:
where
R1 = upper resistor of voltage divider.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208


Número de pieza similar - TPS62200_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Descripción similar - TPS62200_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com