Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62270 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS62270
Descripción Electrónicos  2.25 MHz 400-mA Step Down Converter With Selectable VOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62270 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62270_15 Datasheet HTML 3Page - Texas Instruments TPS62270_15 Datasheet HTML 4Page - Texas Instruments TPS62270_15 Datasheet HTML 5Page - Texas Instruments TPS62270_15 Datasheet HTML 6Page - Texas Instruments TPS62270_15 Datasheet HTML 7Page - Texas Instruments TPS62270_15 Datasheet HTML 8Page - Texas Instruments TPS62270_15 Datasheet HTML 9Page - Texas Instruments TPS62270_15 Datasheet HTML 10Page - Texas Instruments TPS62270_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1.1
1.15
1.2
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V =3.6V
I
V =4.2V
I
V =2.3V
I
V =2.7V
I
V =3.3V
I
V =5V
I
V
=1.15V,
T =-40°C
O
A
PFMMODE,VoltagePositioning
1.1
1.15
1.2
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=1.15V,
T =85°C
O
A
PFMMODE,VoltagePositioning
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.3V
I
V =2.7V
I
V =3.3V
I
0.870
0.880
0.890
0.900
0.910
0.920
0.930
PFMMODE,VoltagePositioning
V =2.3V
I
V =3.3V
I
V =2.7V
I
V =4.2V
I
V =5V
I
V =3.6V
I
V
=0.9V,
T =25°C
O
A
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
0.870
0.880
0.890
0.900
0.910
0.920
0.930
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=0.9V,
T =-40°C
O
A
PFMMODE,VoltagePositioning
V =2.7V
I
V =3.3V
I
V =3.6V
I
V =4.2V
I
V =5V
I
V =2.3V
I
TPS62270, TPS62272
TPS62273
www.ti.com ........................................................................................................................................... SLVS799C – NOVEMBER 2007 – REVISED JANUARY 2009
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62270 TPS62272 TPS62273


Número de pieza similar - TPS62270_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62270DRV TI-TPS62270DRV Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRV TI-TPS62270DRV Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRV TI-TPS62270DRV Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVR TI-TPS62270DRVR Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270DRVR TI-TPS62270DRVR Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results

Descripción similar - TPS62270_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com