Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62360 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS62360
Descripción Electrónicos  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62360_15 Datasheet HTML 1Page - Texas Instruments TPS62360_15 Datasheet HTML 2Page - Texas Instruments TPS62360_15 Datasheet HTML 3Page - Texas Instruments TPS62360_15 Datasheet HTML 4Page - Texas Instruments TPS62360_15 Datasheet HTML 5Page - Texas Instruments TPS62360_15 Datasheet HTML 6Page - Texas Instruments TPS62360_15 Datasheet HTML 7Page - Texas Instruments TPS62360_15 Datasheet HTML 8Page - Texas Instruments TPS62360_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
TPS62360, TPS62361B
TPS62362, TPS62363
www.ti.com
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating ambient temp. –40°C
≤ TA ≤ 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line regulation
IOUT = 1A, forced PWM
< 0.1
%/V
Load regulation
VOUT = 1.2V, forced PWM
< 0.05
%/A
Time from active EN to
VOUT = 1.4V,
tStart
Start-up time
1
ms
COUT < 100µF, RMP[2:0] = 000,
IOUT = 0mA
Input resistance between Sense+,
RSense
2.2
M
Ω
Sense–
RMP[2:0] = 000
32
RMP[2:0] = 001
16
RMP[2:0] = 010
8
RMP[2:0] = 011
4
Ramp timer
mV/µs
RMP[2:0] = 100
2
RMP[2:0] = 101
1
RMP[2:0] = 110
0.5
RMP[2:0] = 111
0.25
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363


Número de pieza similar - TPS62360_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Descripción similar - TPS62360_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com