Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62750DSKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62750DSKT
Descripción Electrónicos  High Efficiency Step-Down Converter for USB Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62750DSKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62750DSKT Datasheet HTML 3Page - Texas Instruments TPS62750DSKT Datasheet HTML 4Page - Texas Instruments TPS62750DSKT Datasheet HTML 5Page - Texas Instruments TPS62750DSKT Datasheet HTML 6Page - Texas Instruments TPS62750DSKT Datasheet HTML 7Page - Texas Instruments TPS62750DSKT Datasheet HTML 8Page - Texas Instruments TPS62750DSKT Datasheet HTML 9Page - Texas Instruments TPS62750DSKT Datasheet HTML 10Page - Texas Instruments TPS62750DSKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS62750, TPS62751
www.ti.com ................................................................................................................................................. SLVS955A – JULY 2009 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
Figure
Maximum Output Current
vs Input voltage
Figure 1
Efficiency
vs Output Current, Vin = [4.0V; 4.5V; 5.0V; 5.5V], Vout = 3.6V, H/L = High
Figure 2
vs Output Current, Vin = [4.0V; 4.5V; 5.0V; 5.5V], Vout = 3.6V, H/L = Low
Figure 3
vs Output Current, Vin = [4.0V; 4.5V; 5.0V; 5.5V], Vout = 2.5V, H/L = High
Figure 4
vs Output Current, Vin = [4.0V; 4.5V; 5.0V; 5.5V], Vout = 2.5V, H/L = Low
Figure 5
vs Input Voltage, Vout = 3.6V, Iout = [200mA, 400mA, 500mA, 700mA, 1000mA]
Figure 6
Input Current
vs Output Current, Vout =3.6V, Vin = [4.0V; 4.5V; 5.0V; 5.5V]
Figure 7
Output Voltage
vs Output Current, Vout = 3.6V, Vin = [4.5V; 5.0V; 5.5V], H/L = High
Figure 8
vs Output Current, Vout = 3.6V, Vin = [4.5V; 5.0V; 5.5V], H/L = Low
Figure 9
vs Input Voltage, Iload = 300mA, Vout = 3.6V H/L=high
Figure 10
vs Input Voltage, Iload = 500mA, Vout = 3.6V H/L=high
Figure 11
vs Input Voltage, Iload = 100
μA, Vout = 3.6V H/L=low
Figure 12
vs Input Voltage, Iload = 80mA, Vout = 3.6V H/L=low
Figure 13
Waveforms
Output Voltage Ripple, PFM Mode Iout = 50mA
Figure 14
Output Voltage Ripple, PWM Mode Iout = 500mA
Figure 15
Load Transient Vin = 5.0V, Vout = 3.6V, H/L = High, 50mA - 2A & 2A - 50mA,
Figure 16
Pulse Load period = 4.6ms, duty cycle 12.5%
Load Transient Vin = 5.0V, Vout = 3.6V, H/L = High, 50mA - 2A & 2A - 50mA,
Figure 17
Pulse Load period = 4.6ms, duty cycle 25%
Line Transient, Vin = 4.5V - 5.0V, Iout = 80mA, H/L = Low
Figure 18
Line Transient, Vin = 4.5V - 5.0V, Iout = 200mA, H/L = Low
Figure 19
Line Transient, Vin = 4.5V - 5.0V, Iout = 500mA, H/L = High
Figure 20
Average Input current Limit vs RLIM_L
Figure 21
Average Input current Limit vs RLIM_U
Figure 22
Startup after Enable, Vin = 5.0V, Vout = 3.6V, Load = 80mA, H/L=Low
Figure 23
Startup after Enable, Vin = 5.0V, Vout = 3.6V, Load = 500mA, H/L=High
Figure 24
Output Discharge, Vin = 5.0V, Vout = 3.6V, No Load
Figure 25
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS62750, TPS62751


Número de pieza similar - TPS62750DSKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62750DSKT TI-TPS62750DSKT Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKT TI1-TPS62750DSKT Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
More results

Descripción similar - TPS62750DSKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com