Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS63036 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS63036
Descripción Electrónicos  TPS63036 High-Efficiency Single Inductor Buck-Boost Converter in Tiny WCSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS63036 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63036_15 Datasheet HTML 5Page - Texas Instruments TPS63036_15 Datasheet HTML 6Page - Texas Instruments TPS63036_15 Datasheet HTML 7Page - Texas Instruments TPS63036_15 Datasheet HTML 8Page - Texas Instruments TPS63036_15 Datasheet HTML 9Page - Texas Instruments TPS63036_15 Datasheet HTML 10Page - Texas Instruments TPS63036_15 Datasheet HTML 11Page - Texas Instruments TPS63036_15 Datasheet HTML 12Page - Texas Instruments TPS63036_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L1
VIN
EN
PS/SYNC
GND
L2
VOUT
FB
L
1
1.5µH
C
2
TPS63036
C
1
10µF
3X10µF
287k
51.1k
R
1
R
2
V
OUT
3.3V/100mA
V
IN
2.3 V to 5V
C
3
10pF
TPS63036
www.ti.com
SLVSB76A – AUGUST 2012 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS63036 device is a noninverting buck-boost converter that is suitable for applications that need a
regulated output voltage from an input supply that can be higher or lower than the output voltage. The device
supports regulated output voltages from 1.2 V to 5.5 V.
8.2 Typical Application
Figure 4. Typical Operating Circuit
8.2.1 Design Requirements
The design guidelines provide a component selection to operate the adjustable device within the Recommended
Operating Conditions.
8.2.2 Detailed Design Procedure
The design guideline provides a component selection to operate the device within the recommended operating
conditions.
Table 1 shows the list of components for the Application Curves.
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
TPS63036
Texas Instruments
L1
1.5
μH, 3 mm x 3 mm x
Coilcraft, LPS3015-
1.5 mm
152MLC
C1
10
μF 6.3V, 0603, X7R
GRM188R60J106KME8
ceramic
4D, Murata
C2
3 × 10
μF 6.3V, 0603,
GRM188R60J106KME8
X7R ceramic
4D, Murata
R1, R2
Depending on the
output voltage at
TPS63036
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS63036


Número de pieza similar - TPS63036_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63036YFG TI1-TPS63036YFG Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
TPS63036YFGR TI1-TPS63036YFGR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
TPS63036YFGT TI1-TPS63036YFGT Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
More results

Descripción similar - TPS63036_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS63036 TI1-TPS63036 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63020-Q1 TI1-TPS63020-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Q1 High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805_18 Datasheet
560Kb / 22P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63024 TI1-TPS63024 Datasheet
2Mb / 29P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI1-TPS630250_16 Datasheet
3Mb / 30P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63027 TI1-TPS63027 Datasheet
739Kb / 23P
[Old version datasheet]   High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS630250 TI-TPS630250_15 Datasheet
3Mb / 30P
[Old version datasheet]   TPS63025x High Current, High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com