Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS65132 Datasheet(PDF) 7 Page - Texas Instruments

No. de Pieza. TPS65132
Descripción  TPS65132 Single Inductor - Dual Output Power Supply
Descarga  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS65132 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
PowerPAD
1
16
7
20
8
19
9
18
10
17
2
15
3
14
4
13
5
12
6
11
PGND
OUTP
PGND
OUTP
AGND
REG
VIN
CFLY1
ENP
PGND
ENN
PGND
RVC package
(bottom view)
RVC package
(top view)
PowerPAD
1
16
7
20
8
19
9
18
10
17
2
15
3
14
4
13
5
12
6
11
PGND
OUTP
PGND
OUTP
AGND
REG
VIN
CFLY1
ENP
PGND
ENN
PGND
TPS65132
www.ti.com
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
QFN Package
20 Pins
Pin Functions
PIN
I/O
DESCRIPTION
NAME
Wx
3
AGND
Analog ground
17
CFLY1
13
I/O
Negative charge pump flying capacitor pin
CFLY2
10
I/O
Negative charge pump flying capacitor pin
ENN
6
I
Enable pin for VNEG rail
ENP
5
I
Enable pin for VPOS rail
16
OUTP
O
Output pin of the LDO (VPOS)
15
OUTN
9
O
Output pin of the negative charge pump (VNEG)
1
2
PGND
Power ground
11
12
14
REG
I/O
Boost converter output pin
18
SCL
8
I/O
I²C interface clock signal pin
SDA
7
I/O
I²C interface data signal pin
19
SW
I/O
Switch pin of the boost converter
20
VIN
4
I
Input voltage supply pin
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65132


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn