Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N01S818HAT22I Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza N01S818HAT22I
Descripción Electrónicos  1 Mb Ultra-Low Power Serial SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S818HAT22I Datasheet(HTML) 1 Page - ON Semiconductor

  N01S818HAT22I Datasheet HTML 1Page - ON Semiconductor N01S818HAT22I Datasheet HTML 2Page - ON Semiconductor N01S818HAT22I Datasheet HTML 3Page - ON Semiconductor N01S818HAT22I Datasheet HTML 4Page - ON Semiconductor N01S818HAT22I Datasheet HTML 5Page - ON Semiconductor N01S818HAT22I Datasheet HTML 6Page - ON Semiconductor N01S818HAT22I Datasheet HTML 7Page - ON Semiconductor N01S818HAT22I Datasheet HTML 8Page - ON Semiconductor N01S818HAT22I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 0
1
Publication Order Number:
N01S818HA/D
N01S818HA
1 Mb Ultra-Low Power
Serial SRAM
Standard SPI Interface and Multiplex
DUAL and QUAD Interface
Overview
The ON Semiconductor serial SRAM family includes several
integrated memory devices including this 1 Mb serially accessed
Static Random Access Memory, internally organized as 128 K words
by 8 bits. The devices are designed and fabricated using
ON Semiconductor’s advanced CMOS technology to provide both
high-speed performance and low power. The devices operate with a
single chip select (CS) input and use a simple Serial Peripheral
Interface (SPI) protocol. In SPI mode, a single data-in (SI) and
data-out (SO) line is used along with the clock (SCK) to access data
within the device. In DUAL mode, two multiplexed data-in/data-out
(SIO0-SIO1) lines are used and in QUAD mode, four multiplexed
data-in/data-out (SIO0-SIO3) lines are used with the clock to access
the memory.
The devices can operate over a wide temperature range of −40
°C to
+85
°C and are available in a 8-lead TSSOP package.
Features
Power Supply Range: 1.7 to 2.2 V
Very Low Typical Standby Current < 1 mA
Very Low Operating Current < 10 mA
Simple Serial Interface
Single-bit SPI Access
DUAL-bit and QUAD-bit SPI-like Access
Flexible Operating Modes
Word Mode
Page Mode
Burst Mode (Full Array)
High Frequency Read and Write Operation
Clock Frequency 20 MHz
Built-in Write Protection (CS High)
High Reliability
Unlimited Write Cycles
These Devices are Pb−Free and are RoHS Compliant
Green TSSOP
Table 1. DEVICE OPTIONS
Device / Part Number
Power Supply
Speed
Package
Function
N01S818HAT22I
1.7 V − 2.2 V
20 MHz
TSSOP−8
HOLD
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
N01S818HAT22I TSSOP−8
(Pb−Free)
100 Units / Tube
TSSOP8 3x4.4
CASE 948BH
PACKAGE CONFIGURATION
1
2
8
5
7
6
3
4
CS
SO / SIO1
NC / SIO2
VSS
VCC
HOLD / SIO3
SCK
SI / SIO0
N01S818HAT22IT TSSOP−8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Número de pieza similar - N01S818HAT22I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N01S830BA ONSEMI-N01S830BA Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22E ONSEMI-N01S830BAT22E Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22ET ONSEMI-N01S830BAT22ET Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Descripción similar - N01S818HAT22I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com