Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65400RGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65400RGZT
Descripción Electrónicos  TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65400RGZT Datasheet(HTML) 5 Page - Texas Instruments

  TPS65400RGZT Datasheet HTML 1Page - Texas Instruments TPS65400RGZT Datasheet HTML 2Page - Texas Instruments TPS65400RGZT Datasheet HTML 3Page - Texas Instruments TPS65400RGZT Datasheet HTML 4Page - Texas Instruments TPS65400RGZT Datasheet HTML 5Page - Texas Instruments TPS65400RGZT Datasheet HTML 6Page - Texas Instruments TPS65400RGZT Datasheet HTML 7Page - Texas Instruments TPS65400RGZT Datasheet HTML 8Page - Texas Instruments TPS65400RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
TPS65400
www.ti.com
SLVSCQ9B – NOVEMBER 2014 – REVISED SEPTEMBER 2015
Pin Functions (continued)
PIN
DESCRIPTION
NAME
NO.
Open-drain output that is pulled low for 200 µs when a timeout condition is detected by the I2C watchdog on
I2CALERT
41
either SDA or SCL.
SDA
42
Data input/output pin for I2C bus
SCL
43
Clock input pin for I2C bus
CLK_OUT
44
Clock output signal. Open-collector output, requires pull up.
Soft-start for SW1 (default). A capacitor is used to set the startup time. This pin can also be reconfigured
SS1/PG1
45
through I2C to display the PGOOD1 signal instead.
COMP1
46
Compensation pin for external compensation network for SW1
VFB1
47
Feedback input pin for SW1
ENSW1/ENSEQ
48
Enable input pin for SW1. Active high. 2-µA internal pullup current is inside.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
PVIN1, PVIN2, PVIN3, PVIN4, VIN
–0.3
20
CB1, CB2, CB3, CB4 referenced to SWx
–0.3
7.5
ENSW1, ENSW2, ENSW3, ENSW4, SCL, SDA, CLK_OUT, VFB1, VFB2, VFB3, VFB4,
–0.3
VDDD or 3.6
RST_N, SCL, SDA, I2CALERT, CLK_OUT, I2CADDR, RCLOCK_SYNC
Input
SW1, SW2, SW3, SW4
–1
20
V
voltage
VDDA, VDDG
–0.3
7.5
PGOOD, SS1/PG1, SS2/PG2, SS3/PG3, SS4/PG4, COMP1, COMP2, COMP3, COMP4,
–0.3
VDDA or 7.5
CE
VDDD
–0.3
3.6
TJ(max)
Junction temperature
150
°C
Maximum lead temperature (soldering, 10 s)
260
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN1, VIN2, VIN3, VIN4
Input voltage range
4.5
18
V
IOUT1, IOUT2
Load current
0
4
A
IOUT3, IOUT4
Load current
0
2
A
VFB1, VFB2, VFB3, VFB4
Voltage feedback
0.6
1.87
V
TJ
Junction temperature range
–40
125
°C
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65400


Número de pieza similar - TPS65400RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65400 TI-TPS65400 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZRQ1 TI-TPS65400QRGZRQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZTQ1 TI-TPS65400QRGZTQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results

Descripción similar - TPS65400RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com