Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65400-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65400-Q1
Descripción Electrónicos  TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65400-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65400-Q1 Datasheet HTML 1Page - Texas Instruments TPS65400-Q1 Datasheet HTML 2Page - Texas Instruments TPS65400-Q1 Datasheet HTML 3Page - Texas Instruments TPS65400-Q1 Datasheet HTML 4Page - Texas Instruments TPS65400-Q1 Datasheet HTML 5Page - Texas Instruments TPS65400-Q1 Datasheet HTML 6Page - Texas Instruments TPS65400-Q1 Datasheet HTML 7Page - Texas Instruments TPS65400-Q1 Datasheet HTML 8Page - Texas Instruments TPS65400-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
TPS65400-Q1
SLVSCQ2 – JULY 2015
www.ti.com
Pin Functions
PIN
DESCRIPTION
NAME
NO.
CB1
1
Bootstrap pin for high-side MOSFET gate drive for SW1
2
SW1
3
Switch pin for SW1
4
PVIN1
5
Power input for buck switching regulator SW1
PVIN2
6
Power input for SW2
PGND1
7
Power ground for buck converters
PGND2
8
Power ground for buck converters
9
SW2
10
Switch pin for SW2
11
CB2
12
Bootstrap pin for SW2 high-side MOSFET gate drive
ENSW2
13
Enable input pin for SW2. Active high. 2-µA internal pullup current is inside.
VFB2
14
Feedback input pin for SW2
Compensation pin for external compensation network for SW2. Pulling this line high to VDDD configures the
COMP2
15
SW1 controller to control both SW1 and SW2.
Soft-start for SW2 (default). A capacitor is used to set the startup time. This pin can also be reconfigured
SS2/PG2
16
through I2C to display the PGOOD2 signal instead.
Default PGOOD signal is for all switchers. It can be changed according to (D2h) PIN_CONFIG_00. If all
PGOOD
17
switchers are disabled, PGOOD is low.
VDDG
18
Supply for gate drives. Bypass locally to PGND.
VDDA
19
Output of internal regulator for analog controls.
VDDD
20
3.3-V output of internal regulator digital controls
AGND
21
Ground connection for analog controls
VIN
22
Analog VIN. Power input pin for VDDD, VDDA, and VGATE subregulator power
Chip enables. Internal pull-up current will default to high if the pin is left floating. Connect to an open-drain output
to pull low to disable. Driving with a push-pull output is not recommended. When low, internal regulators are
CE
23
shutdown to minimize power, and functionsa are disabled. Configuration is reloaded from EEPROM as part of
the power-up sequence when CE goes high.
Soft-start for SW3 (default). A capacitor is used to set the startup time. This pin can also be reconfigured
SS3/PG3
24
through I2C to display the PGOOD3 signal instead.
COMP3
25
Compensation pin for external compensation network for SW3
VFB3
26
Feedback input pin for SW3
ENSW3
27
Enable input pin for SW3. Active high. 2-µA internal pullup current is inside.
CB3
28
Bootstrap pin for SW3 high-side MOSFET gate drive
SW3
29
Switch pin for SW3. Max rated output current is 2 A.
PVIN3
30
Power input for buck switching regulator SW3
PVIN4
31
Power input for SW4
SW4
32
Switch pin for SW4. Max rated output current is 2 A.
CB4
33
Bootstrap pin for SW4 high-side MOSFET gate drive
ENSW4
34
Enable input pin for SW4. Active high. 2-µA internal pullup current is inside.
VFB4
35
Feedback input pin for SW4
Compensation pin for external compensation network for SW4. Pulling this line high to VDDD configures the
COMP4
36
SW3 controller to control both SW3 and SW4.
Soft-start for SW4 (default). A capacitor is used to set the startup time. This pin can also be reconfigured
SS4/PG4
37
through I2C to display the PGOOD4 signal instead
I2CADDR
38
Select I2C address with resistor to AGND
Reset of digital logic. When low, all switchers are disabled. Configuration is reloaded from EEPROM when
RST_N
39
RESET_N is deasserted.
RCLOCK_SYNC
40
Resistor for setting master clock frequency from 275 kHz to 2.2 MHz or for clock sync
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS65400-Q1


Número de pieza similar - TPS65400-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results

Descripción similar - TPS65400-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65400 TI-TPS65400_15 Datasheet
1Mb / 76P
[Old version datasheet]   TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com