Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3595 Datasheet(PDF) 1 Page - Microsemi Corporation |
|
1N3595 Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 2 page 6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135 Maximum Ratings Symbol Value Unit Peak Inverse Voltage PIV 150 (Min.) Volts Average Rectified Current I Avg 150 mAmps Continuous Forward Current I Fdc 150 mAmps Peak Surge Current (t peak = 1 µsec.) I peak 4.0 Amps BKC Power Dissipation @ T L =50 oC, L= 3/8" from body P tot 500 mWatts Storage & Operating Temperature Range T St & Op -65 to +200 o C Electrical Characteristics @ 25 oC Symbol Minimum Maximum Unit Forward Voltage Drop @ I F = 1 mA V F 0.52 0.68 Volts Forward Voltage Drop @ I F = 5 mA V F 0.60 0.75 Volts Forward Voltage Drop @ I F = 10 mA V F 0.65 0.80 Volts Forward Voltage Drop @ I F = 50 mA V F 0.74 0.88 Volts Forward Voltage Drop @ I F = 100 mA V F 0.79 0.92 Volts Forward Voltage Drop @ I F = 200 mA V F 0.83 1.0 Volts Reverse Leakage Current @ V R = 125 V I R 1.0 nA Reverse Leakage Current @ V R = 125 V I R 500 @ 150 oC nA Capacitance @ V R = 0 V, f = 1mHz C T 8.0 pF Reverse Recovery Time (note 1) t rr 3.0 µSecs Note 1: Per Method 4031-B of MIL-STD-750 with I F = 10 mA, VR = 35V, RL = 1.0K Ohms, C = 10 Pf For military parts use the 1N3595-1 number with the appropriate JAN, JTX or JTXV prefix. The SMD DO-213AA comes in commercial (LL3595) and military versions (1N3595UR-1). DO-35 Glass Package (nominal dimensions) Dia. 0.070" 1.8 mm 0.020" 0.50 mm 1.0" 25.4 mm (Min.) Length 0.145" 3.7 mm chip glass Applications Used in instrumentation applications, where low leakage and high voltage isolation are important. Low Leakage Diode DO-35 Glass Package 1N3595 Features Six sigma quality Metallurgically bonded BKC's Sigma Bond™ plating for problem free solderability LL-34/35 MELF SMD available Full approval to Mil-S-19500/241 Available up to JANTXV-1 levels "S" level screening available to Source Control Drawings using a DO-35 tungsten, hard glass voidless package for Space applications |
Número de pieza similar - 1N3595 |
|
Descripción similar - 1N3595 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |