Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73801 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS73801
Descripción Electrónicos  TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS73801 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73801_15 Datasheet HTML 4Page - Texas Instruments TPS73801_15 Datasheet HTML 5Page - Texas Instruments TPS73801_15 Datasheet HTML 6Page - Texas Instruments TPS73801_15 Datasheet HTML 7Page - Texas Instruments TPS73801_15 Datasheet HTML 8Page - Texas Instruments TPS73801_15 Datasheet HTML 9Page - Texas Instruments TPS73801_15 Datasheet HTML 10Page - Texas Instruments TPS73801_15 Datasheet HTML 11Page - Texas Instruments TPS73801_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
T
A – Free-Air Temperature – °C
I
OUT = 1 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
T
A – Free-Air Temperature – °C
I
OUT = 1 mA
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
2
4
6
8
10
12
14
16
18
20
EN Input Voltage – V
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
Output Current – A
VIN = VOUT(nom) + 1
TPS73801
SLVS915C – FEBRUARY 2010 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
TJ = 25 °C
VOUT = 1.21 V
TPS73801
VIN = VOUT(nom) + 1
VEN = VIN
Figure 7. Ground Current vs Input Voltage
Figure 8. Ground Current vs Output Current
VEN = 0 V
Figure 10. EN Input Current vs EN Input Voltage
Figure 9. EN Input Current vs Temperature
IOUT = 1 mA
IOUT = 1 mA
Figure 12. EN Threshold (On to Off) vs Temperature
Figure 11. EN Threshold (Off to On) vs Temperature
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS73801


Número de pieza similar - TPS73801_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73801-SEP TI1-TPS73801-SEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801-SEP TI1-TPS73801-SEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801-SEP TI1-TPS73801-SEP_19 Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801DCQR TI1-TPS73801DCQR Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801MDCQPSEP TI1-TPS73801MDCQPSEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
More results

Descripción similar - TPS73801_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com