Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3823 Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 1N3823
Descripción Electrónicos  SILICON 1 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3823 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3823 Datasheet HTML 1Page - Microsemi Corporation 1N3823 Datasheet HTML 2Page - Microsemi Corporation 1N3823 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1 Watt Metal Case Zener Diodes
SCOTTSD A L E DIVISION
1N3821 thru 1N3830A
*ELECTRICAL CHARACTERISTICS @ 25oC
MAXIMUM ZENER IMPEDANCE
(Note 2)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 1)
ZENER
TEST
CURRENT
IZT
ZZT @ IZT
ZZK @ IZK = 1mA
MAXIMUM
ZENER
CURRENT
IZM
(Note 3)
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR
@
VR
TYPICAL
TEMP. COEFF.
OF ZENER
VOLTAGE
αVZ
JEDEC
TYPE
NUMBER
Volts
mA
OHMS
OHMS
mA
µA
Volts
%/
oC
1N3821
1N3821A
1N3822
1N3822A
3.3
3.3
3.6
3.6
76
76
69
69
10
10
10
10
400
400
400
400
276
276
252
252
100
100
100
100
1
1
1
1
-.066
-.066
-.058
-.058
1N3823
1N3823A
1N3824
1N3824A
3.9
3.9
4.3
4.3
64
64
58
58
9
9
9
9
400
400
400
400
238
238
213
213
50
50
10
10
1
1
1
1
-.046
-.046
-.033
-.033
1N3825
1N3825A
1N3826
1N3826A
4.7
4.7
5.1
5.1
53
53
49
49
8
8
7
7
500
500
550
550
194
194
178
178
10
10
10
10
1
1
1
1
-.015
-.015
+/-.010
+/-.010
1N3827
1N3827A
1N3828
1N3828A
5.6
5.6
6.2
6.2
45
45
41
41
5
5
2
2
600
600
700
700
162
162
146
146
10
10
10
10
2
2
3
3
+.030
+.030
+.049
+.049
1N3829
1N3829A
1N3830
1N3830A
6.8
6.8
7.5
7.5
37
37
34
34
1.5
1.5
1.5
1.5
500
500
250
250
133
133
121
121
10
10
10
10
3
3
3
3
+.053
+.053
+.057
+.057
*JEDEC Registered Data.
NOTES: 1.
The JEDEC type numbers shown with suffix A have a standard tolerance of +/-5% on the nominal zener voltage. VZ measured
with device in thermal equilibrium in 25
oC still air and mounted in test clips, ¾” from unit body. if tighter tolerance on VZ is required,
consult factory.
2.
The zener impedance is derived when a 60 cycle ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is
superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve and to
eliminate unstable units. See MicroNote 202 for variation in dynamic impedance with different zener currents.
3.
Allowance has been made for the increase in
VZ due to ZZ and for the increase in junction temperature as the unit approaches
thermal equilibrium at the power dissipation of 1 watt.
GRAPHS
TL
TA
TL – Lead Temperature (
oC) 3/8” from body
FIGURE 2
or TA on FR4 PC Board
Temperature Coeff. vs. Zener Voltage
FIGURE 1
Power Derating
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
11-06-2003 REV A


Número de pieza similar - 1N3823

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N3823 CDI-DIODE-1N3823 Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Motorola, Inc
1N3823 MOTOROLA-1N3823 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3823 MCC-1N3823 Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3823 MCC-1N3823 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3823 NJSEMI-1N3823 Datasheet
149Kb / 1P
   1N3821 thru 1N3830, 1N3016 thru 1N3051
More results

Descripción similar - 1N3823

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com