Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C86BYI-GT3 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza CAT93C86BYI-GT3
Descripción Electrónicos  16-Kb Microwire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86BYI-GT3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT93C86BYI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 13Page - ON Semiconductor CAT93C86BYI-GT3 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT93C86B
http://onsemi.com
11
PACKAGE DIMENSIONS
UDFN8, 2x3 EXTENDED PAD
CASE 517AZ−01
ISSUE O
0.065 REF
Copper Exposed
E2
D2
L
E
PIN #1 INDEX AREA
PIN #1
IDENTIFICATION
DAP SIZE 1.8 x 1.8
DETAIL A
D
A1
b
e
A
TOP VIEW
SIDE VIEW
FRONT VIEW
DETAIL A
BOTTOM VIEW
A3
0.065 REF
0.0 - 0.05
A3
Notes:
(1) All dimensions are in millimeters.
(2) Refer JEDEC MO-236/MO-252.
SYMBOL
MIN
NOM
MAX
A
0.45
0.50
0.55
A1
0.00
0.02
0.05
A3
0.127 REF
b
0.20
0.25
0.30
D
1.95
2.00
2.05
D2
1.35
1.40
1.45
E
3.00
E2
1.25
1.30
1.35
e
2.95
0.50 REF
3.05
L
0.25
0.30
0.35
A


Número de pieza similar - CAT93C86BYI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
More results

Descripción similar - CAT93C86BYI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
   16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86 ONSEMI-CAT93C86_14 Datasheet
98Kb / 10P
   16 Kb Microwire Serial EEPROM
December, 2014 ??Rev. 13
CAT93C86VI ONSEMI-CAT93C86VI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com