Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAV25020 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CAV25020
Descripción Electrónicos  SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25020 Datasheet(HTML) 5 Page - ON Semiconductor

  CAV25020 Datasheet HTML 1Page - ON Semiconductor CAV25020 Datasheet HTML 2Page - ON Semiconductor CAV25020 Datasheet HTML 3Page - ON Semiconductor CAV25020 Datasheet HTML 4Page - ON Semiconductor CAV25020 Datasheet HTML 5Page - ON Semiconductor CAV25020 Datasheet HTML 6Page - ON Semiconductor CAV25020 Datasheet HTML 7Page - ON Semiconductor CAV25020 Datasheet HTML 8Page - ON Semiconductor CAV25020 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAV25010, CAV25020, CAV25040
http://onsemi.com
5
Table 8. STATUS REGISTER
7
6
5
4
3
2
1
0
1
1
1
1
BP1
BP0
WEL
RDY
Table 9. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
CAV25010: 060−07F, CAV25020: 0C0−0FF, CAV25040: 180−1FF
Quarter Array Protection
1
0
CAV25010: 040−07F, CAV25020: 080−0FF, CAV25040: 100−1FF
Half Array Protection
1
1
CAV25010: 000−07F, CAV25020: 000−0FF, CAV25040: 000−1FF
Full Array Protection
WRITE OPERATIONS
The CAV25010/20/40 device powers up into a write
disable state. The device contains a Write Enable Latch
(WEL) which must be set before attempting to write to the
memory array or to the status register. In addition, the
address of the memory location(s) to be written must be
outside the protected area, as defined by BP0 and BP1 bits
from the status register.
Write Enable and Write Disable
The internal Write Enable Latch and the corresponding
Status Register WEL bit are set by sending the WREN
instruction to the CAV25010/20/40. Care must be taken to
take the CS input high after the WREN instruction, as
otherwise the Write Enable Latch will not be properly set.
WREN timing is illustrated in Figure 3. The WREN
instruction must be sent prior to any WRITE or WRSR
instruction.
The internal write enable latch is reset by sending the
WRDI instruction as shown in Figure 4. Disabling write
operations by resetting the WEL bit, will protect the device
against inadvertent writes.
Figure 3. WREN Timing
SCK
SI
SO
00
0
0
0
11
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
Figure 4. WRDI Timing
SCK
SI
SO
0
0
000
10
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS


Número de pieza similar - CAV25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25020 ONSEMI-CAV25020 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25020VE-GT3 ONSEMI-CAV25020VE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020VE-GT3 ONSEMI-CAV25020VE-GT3 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25020YE-GT3 ONSEMI-CAV25020YE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020YE-GT3 ONSEMI-CAV25020YE-GT3 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
More results

Descripción similar - CAV25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25128 ONSEMI-CAV25128 Datasheet
175Kb / 13P
   SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com