Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAV25020 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAV25020
Descripción Electrónicos  SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25020 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAV25020 Datasheet HTML 2Page - ON Semiconductor CAV25020 Datasheet HTML 3Page - ON Semiconductor CAV25020 Datasheet HTML 4Page - ON Semiconductor CAV25020 Datasheet HTML 5Page - ON Semiconductor CAV25020 Datasheet HTML 6Page - ON Semiconductor CAV25020 Datasheet HTML 7Page - ON Semiconductor CAV25020 Datasheet HTML 8Page - ON Semiconductor CAV25020 Datasheet HTML 9Page - ON Semiconductor CAV25020 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAV25010, CAV25020, CAV25040
http://onsemi.com
6
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 8−bit address
and data as shown in Figure 5. For the CAV25040, bit 3 of
the write instruction opcode contains A8 address bit.
Internal programming will start after the low to high CS
transition. During an internal write cycle, all commands,
except for RDSR (Read Status Register) will be ignored.
The RDY bit will indicate if the internal write cycle is in
progress (RDY high), or the device is ready to accept
commands (RDY low).
Page Write
After sending the first data byte to the CAV25010/20/40,
the host may continue sending data, up to a total of 16 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion
of
the
write
cycle,
the
CAV25010/20/40 is automatically returned to the write
disable state.
Figure 5. Byte WRITE Timing
SCK
SI
SO
0
0
0
0
X*
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
01
2345678
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS
13 14 15 16 17 18 19 20 21 22 23
Dashed Line = mode (1, 1)
* X = 0 for CAV25010, CAV25020. x = A8 for CAV25040
CS
A0
A7
Figure 6. Page WRITE Timing
SCK
SI
SO
0
0
0
0
X* 0
1
0
BYTEADDRESS
Data
Byte 1
01234
5678
13 14 15 16−23 24−31
Data Byte N
OPCODE
7..1
0
16+(N−1)x8−1..16+(N−1)x8
16+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
* X = 0 for CAV25010, CAV25020. x = A8 for CAV25040
CS
A7
A0
Data
Byte 3
Data
Byte 2


Número de pieza similar - CAV25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25020 ONSEMI-CAV25020 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25020VE-GT3 ONSEMI-CAV25020VE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020VE-GT3 ONSEMI-CAV25020VE-GT3 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25020YE-GT3 ONSEMI-CAV25020YE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25020YE-GT3 ONSEMI-CAV25020YE-GT3 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
More results

Descripción similar - CAV25020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25128 ONSEMI-CAV25128 Datasheet
175Kb / 13P
   SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com