Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3823UR-1 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3823UR-1
Descripción Electrónicos  SILICON 1 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3823UR-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3823UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N3823UR-1 Datasheet HTML 2Page - Microsemi Corporation 1N3823UR-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 Watt Metal Case Zener Diodes
SCOTTSD A L E DIVISION
1N3821 thru 1N3830A
DESCRIPTION
APPEARANCE
This well established zener diode series for the 1N3821 thru 1N3830A
JEDEC registration in the glass hermetic sealed DO-13 package provides a
low voltage selection for 3.3 to 7.5 volts. It is also well suited for high-
reliability applications where it is available in JAN, JANTX, and JANTXV
military qualifications. Higher voltages are also available in the 1N3016
thru 1N3051 series (6.8 V to 200 V) in the same package (see separate
data sheet). Microsemi also offers numerous other Zener diode products
for a variety of other packages including surface mount.
DO-13
(DO-202AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Zener Voltage Range: 3.3 V to 7.5 V
• Hermetically sealed DO-13 metal package
• Internally solder-bonded construction.
• Also available in JAN, JANTX, JANTXV
qualifications per MIL-PRF19500/115 by adding the
JAN, JANTX, or JANTXV prefixes to part numbers
for desired level of screening, e.g. JANTX1N3821,
JANTXV1N3051A, etc.
• Surface mount also available with 1N3821UR-1
thru 1N30330AUR-1 series on separate data sheet
Regulates voltage over a broad operating current
and temperature range
Low voltage selection from 3.3 to 7.5 V
Tight voltage tolerances available
Low reverse (leakage) currents
Nonsensitive to ESD
Hermetically sealed metal package
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Junction and Storage Temperatures:
-65
oC to +175oC
• THERMAL RESISTANCE: 50oC/W* junction to lead
at 0.375 inches (10 mm) from body or 110
oC/W
junction to ambient when leads are mounted on FR4
PC board with 4 mm
2 copper pads (1 oz) and track
width 1 mm, length 25 mm
• DC Power Dissipation
*: 1 Watt at TL < +125oC 3/8”
(10 mm) from body or 1.0 Watts at TL < +65
oC when
mounted on FR4 PC board as described for thermal
resistance above (also see Fig 1)
• Forward Voltage @ 200 mA: 1.5 Volts.
• Solder Temperatures: 260 o C for 10 s (maximum)
CASE: DO-13 (DO-202AA), welded, hermetically
sealed metal and glass
FINISH: All external surfaces are Tin-Lead (Pb/Sn)
plated and solderable per MIL-STD-750 method
2026
POLARITY: Cathode connected case.
WEIGHT: 1.4 grams.
Tape & Reel option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimensions on last page
* For further mounting reference, thermal resistance from junction to metal case may be reduced to < 20 oC/W
when mounting DO-13 metal case directly on heat sink.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-06-2003 REV A


Número de pieza similar - 1N3823UR-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N3823 CDI-DIODE-1N3823 Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Motorola, Inc
1N3823 MOTOROLA-1N3823 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3823 MCC-1N3823 Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3823 MCC-1N3823 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3823 NJSEMI-1N3823 Datasheet
149Kb / 1P
   1N3821 thru 1N3830, 1N3016 thru 1N3051
More results

Descripción similar - 1N3823UR-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com