Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3827ATR Datasheet(PDF) 2 Page - Microsemi Corporation |
|
1N3827ATR Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 3 page 1 Watt Metal Case Zener Diodes SCOTTSD A L E DIVISION 1N3821 thru 1N3830A *ELECTRICAL CHARACTERISTICS @ 25oC MAXIMUM ZENER IMPEDANCE (Note 2) NOMINAL ZENER VOLTAGE VZ @ IZT (Note 1) ZENER TEST CURRENT IZT ZZT @ IZT ZZK @ IZK = 1mA MAXIMUM ZENER CURRENT IZM (Note 3) MAXIMUM REVERSE LEAKAGE CURRENT IR @ VR TYPICAL TEMP. COEFF. OF ZENER VOLTAGE αVZ JEDEC TYPE NUMBER Volts mA OHMS OHMS mA µA Volts %/ oC 1N3821 1N3821A 1N3822 1N3822A 3.3 3.3 3.6 3.6 76 76 69 69 10 10 10 10 400 400 400 400 276 276 252 252 100 100 100 100 1 1 1 1 -.066 -.066 -.058 -.058 1N3823 1N3823A 1N3824 1N3824A 3.9 3.9 4.3 4.3 64 64 58 58 9 9 9 9 400 400 400 400 238 238 213 213 50 50 10 10 1 1 1 1 -.046 -.046 -.033 -.033 1N3825 1N3825A 1N3826 1N3826A 4.7 4.7 5.1 5.1 53 53 49 49 8 8 7 7 500 500 550 550 194 194 178 178 10 10 10 10 1 1 1 1 -.015 -.015 +/-.010 +/-.010 1N3827 1N3827A 1N3828 1N3828A 5.6 5.6 6.2 6.2 45 45 41 41 5 5 2 2 600 600 700 700 162 162 146 146 10 10 10 10 2 2 3 3 +.030 +.030 +.049 +.049 1N3829 1N3829A 1N3830 1N3830A 6.8 6.8 7.5 7.5 37 37 34 34 1.5 1.5 1.5 1.5 500 500 250 250 133 133 121 121 10 10 10 10 3 3 3 3 +.053 +.053 +.057 +.057 *JEDEC Registered Data. NOTES: 1. The JEDEC type numbers shown with suffix A have a standard tolerance of +/-5% on the nominal zener voltage. VZ measured with device in thermal equilibrium in 25 oC still air and mounted in test clips, ¾” from unit body. if tighter tolerance on VZ is required, consult factory. 2. The zener impedance is derived when a 60 cycle ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve and to eliminate unstable units. See MicroNote 202 for variation in dynamic impedance with different zener currents. 3. Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit approaches thermal equilibrium at the power dissipation of 1 watt. GRAPHS TL TA TL – Lead Temperature ( oC) 3/8” from body FIGURE 2 or TA on FR4 PC Board Temperature Coeff. vs. Zener Voltage FIGURE 1 Power Derating Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 11-06-2003 REV A |
Número de pieza similar - 1N3827ATR |
|
Descripción similar - 1N3827ATR |