Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM336-5.0 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM336-5.0
Descripción Electrónicos  LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM336-5.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM336-5.0 Datasheet HTML 3Page - Texas Instruments LM336-5.0 Datasheet HTML 4Page - Texas Instruments LM336-5.0 Datasheet HTML 5Page - Texas Instruments LM336-5.0 Datasheet HTML 6Page - Texas Instruments LM336-5.0 Datasheet HTML 7Page - Texas Instruments LM336-5.0 Datasheet HTML 8Page - Texas Instruments LM336-5.0 Datasheet HTML 9Page - Texas Instruments LM336-5.0 Datasheet HTML 10Page - Texas Instruments LM336-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM136-5.0, LM236-5.0, LM336-5.0
www.ti.com
SNVS750D – JUNE 1999 – REVISED MARCH 2013
APPLICATION HINTS
The LM136-5.0 series voltage references are much easier to use than ordinary zener diodes. Their low
impedance and wide operating current range simplify biasing in almost any circuit. Further, either the breakdown
voltage or the temperature coefficient can be adjusted to optimize circuit performance.
Figure 14 shows an LM136-5.0 with a 10k potentiometer for adjusting the reverse breakdown voltage. With the
addition of R1 the breakdown voltage can be adjusted without affecting the temperature coefficient of the device.
The adjustment range is usually sufficient to adjust for both the initial device tolerance and inaccuracies in buffer
circuitry.
If minimum temperature coefficient is desired, four diodes can be added in series with the adjustment
potentiometer as shown in Figure 15. When the device is adjusted to 5.00V the temperature coefficient is
minimized. Almost any silicon signal diode can be used for this purpose such as a 1N914, 1N4148 or a 1N457.
For proper temperature compensation the diodes should be in the same thermal environment as the LM136-5.0.
It is usually sufficient to mount the diodes near the LM136-5.0 on the printed circuit board. The absolute
resistance of the network is not critical and any value from 2k to 20k will work. Because of the wide adjustment
range, fixed resistors should be connected in series with the pot to make pot setting less critical.
Figure 14. LM136-5.0 with Pot for Adjustment of
Figure 15. Temperature Coefficient Adjustment
Breakdown Voltage (Trim Range = ±1.0V Typical)
(Trim Range = ±0.5V Typical)
Typical Applications
* Adjust for 6.25V across R1
Figure 16. Precision Power Regulator with Low Temperature Coefficient
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM136-5.0 LM236-5.0 LM336-5.0


Número de pieza similar - LM336-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM336-5.0 NSC-LM336-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Fairchild Semiconductor
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
logo
Texas Instruments
LM336-5.0 TI1-LM336-5.0 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Descripción similar - LM336-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-2.5 TI1-LM336M-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com