Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5802 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N5802
Descripción Electrónicos  2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5802 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5802 Datasheet HTML 1Page - Microsemi Corporation 1N5802 Datasheet HTML 2Page - Microsemi Corporation 1N5802 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MSC1344.PDF 02-23-99
1N5802
1N5804
1N5806
JANHCE and JANKCE
JANHCF and JANKCF
DIE DIMENSIONS:
DIE DIMENSIONS:
Notes:
1. Dimensions are in inches.
2. Metric equlvalents are given for general information only.
Figure 7.
JANC (E-version) die dimensions.
Dimensions
Inches
Millimeters
Ltr
Min
Max
Min
Max
A
.039
.043
1.00
1.09
B
.031
.035
0.79
0.89
C
.008
.012
0.20
0.30
1N5802, 1N5804, 1N5806
A
B
B
A
MIL-PRF-19500/477C
ANODE AL THICKNESS 45,000
Å MINIMUM
CATHODE AU THICKNESS 2500,
Å MINIMUM
C
ANODE


Número de pieza similar - 1N5802

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5802 MICROSEMI-1N5802 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5802 MICROSEMI-1N5802 Datasheet
53Kb / 2P
   ULTRA FAST MILITARY RECTIFIERS
1N5802 MICROSEMI-1N5802 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
logo
Sensitron
1N5802 SENSITRON-1N5802 Datasheet
45Kb / 3P
   Ultrafast Recovery Rectifier
More results

Descripción similar - 1N5802

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
   3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
   1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
New Jersey Semi-Conduct...
1N5812 NJSEMI-1N5812 Datasheet
84Kb / 1P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Solid States Devices, I...
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
   LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
   75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com