Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4121IM5-ADJ Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM4121IM5-ADJ
Descripción Electrónicos  LM4121 Precision Micropower Low Dropout Voltage Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4121IM5-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4121IM5-ADJ Datasheet HTML 6Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 7Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 8Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 9Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 10Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 11Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 12Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 13Page - Texas Instruments LM4121IM5-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM4121
SNVS073C – APRIL 2000 – REVISED APRIL 2013
www.ti.com
LM4121-ADJ Typical Operating Characteristics
Unless otherwise specified, VIN = 3.3V, VOUT = 1.2V, ILOAD = 0, COUT = 0.022µF, TA = 25°C and VEN = VIN.
Typical Temperature Drift
Long Term Drift
Figure 24.
Figure 25.
Dropout Voltage
Dropout Voltage
vs
vs
Output Error
Load Current
Figure 26.
Figure 27.
Line Regulation
Load Regulation
Figure 28.
Figure 29.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4121


Número de pieza similar - LM4121IM5-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4121IM5-ADJ NSC-LM4121IM5-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
More results

Descripción similar - LM4121IM5-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com