Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4431M3-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4431M3-2.5
Descripción Electrónicos  Micropower Shunt Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4431M3-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LM4431M3-2.5 Datasheet HTML 1Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 2Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 3Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 4Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 5Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 6Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 7Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 8Page - Texas Instruments LM4431M3-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM4431
www.ti.com
SNVS103C – JUNE 2000 – REVISED APRIL 2013
LM4431-2.5 Electrical Characteristics
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
LM4431M3
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
VR
Reverse Breakdown Voltage
IR = 100 μA
2.500
V
Reverse Breakdown VoltageTolerance
IR = 100 μA
±50
mV (max)
IRMIN
45
μA
Minimum Operating Current
100
μA (max)
ΔVR/ΔT
IR = 10 mA
±30
ppm/°C
Average Reverse Breakdown Voltage
IR = 1 mA
±30
ppm/°C
Temperature Coefficient
IR = 100 μA
±30
ppm/°C
ΔVR/ΔIR
IRMIN ≤ IR ≤ 1 mA
0.4
mV
1.0
mV (max)
1.2
mV (max)
Reverse Breakdown Voltage Change
with Operating Current Change
1 mA
≤ IR ≤ 15 mA
2.5
mV
8.0
mV (max)
25
mV (max)
ZR
IR = 1 mA, f = 120 Hz,
Reverse Dynamic Impedance
1.0
Ω
IAC = 0.1 IR
eN
IR = 100 μA,
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
ΔVR
t = 1000 hrs
Reverse Breakdown Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 100 μA
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4431


Número de pieza similar - LM4431M3-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4431M3-2.5 NSC-LM4431M3-2.5 Datasheet
130Kb / 8P
   Micropower Shunt Voltage Reference
More results

Descripción similar - LM4431M3-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
   Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com