Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4051AEM3-ADJ Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM4051AEM3-ADJ
Descripción Electrónicos  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4051AEM3-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LM4051AEM3-ADJ Datasheet HTML 1Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 2Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 3Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 4Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 5Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 6Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 7Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 8Page - Texas Instruments LM4051AEM3-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM4051
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4051 precision
voltage reference is available in the sub-miniature (3 mm x
1.3 mm) SOT-23 surface-mount package. The LM4051’s ad-
vanced design eliminates the need for an external stabilizing
capacitor while ensuring stability with any capacitive load,
thus making the LM4051 easy to use. Further reducing
design effort is the availability of a fixed (1.225V) and adjust-
able reverse breakdown voltage. The minimum operating
current is 60 µA for the LM4051-1.2 and the LM4051-ADJ.
Both versions have a maximum operating current of 12 mA.
The LM4051 comes in three grades (A, B, and C). The best
grade devices (A) have an initial accuracy of 0.1%, while the
B-grade have 0.2% and the C-grade 0.5%, all with a tempco
of 50 ppm/˚C guaranteed from −40˚C to 125˚C.
The LM4051 utilizes fuse and zener-zap trim of reference
voltage during wafer sort to ensure that the prime parts have
an accuracy of better than ±0.1% (A grade) at 25˚C.
Features
n
Small packages: SOT-23
n
No output capacitor required
n
Tolerates capacitive loads
n
Reverse breakdown voltage options of 1.225V and
adjustable
Key Specifications (LM4051-1.2)
j Output voltage tolerance
(A grade, 25˚C)
±0.1%(max)
j Low output noise
(10 Hz to 10kHz)
20µV
rms
j Wide operating current range
60µA to 12mA
j Industrial temperature range
−40˚C to +85˚C
j Extended temperature range
−40˚C to +125˚C
j Low temperature coefficient
50 ppm/˚C (max)
Applications
n
Portable, Battery-Powered Equipment
n
Data Acquisition Systems
n
Instrumentation
n
Process Control
n
Energy Management
n
Automotive and Industrial
n
Precision Audio Components
n
Base Stations
n
Battery Chargers
n
Medical Equipment
n
Communication
Connection Diagrams
SOT-23
10122201
*This pin must be left floating or connected to pin 2.
10122240
Top View
See NS Package Number MF03A
March 2005
© 2005 National Semiconductor Corporation
DS101222
www.national.com


Número de pieza similar - LM4051AEM3-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051AEM3-ADJ NSC-LM4051AEM3-ADJ Datasheet
743Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4051AEM3-ADJ TI1-LM4051AEM3-ADJ Datasheet
779Kb / 16P
[Old version datasheet]   LM4051 Precision Micropower Shunt Voltage Reference
More results

Descripción similar - LM4051AEM3-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com