Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5026 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM5026
Descripción Electrónicos  LM5026 Active Clamp Current Mode PWM Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5026 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5026_15 Datasheet HTML 3Page - Texas Instruments LM5026_15 Datasheet HTML 4Page - Texas Instruments LM5026_15 Datasheet HTML 5Page - Texas Instruments LM5026_15 Datasheet HTML 6Page - Texas Instruments LM5026_15 Datasheet HTML 7Page - Texas Instruments LM5026_15 Datasheet HTML 8Page - Texas Instruments LM5026_15 Datasheet HTML 9Page - Texas Instruments LM5026_15 Datasheet HTML 10Page - Texas Instruments LM5026_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TEMPERATURE (
oC)
-50
0
50
100
150
190
192
194
196
198
200
202
204
206
208
210
0
5
10
15
20
25
0
1
2
3
4
5
6
IREF (mA)
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
40
42
44
46
48
50
52
54
RESTART
SOFT-START
SOFT-STOP
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
2
4
6
8
10
12
14
16
VIN (V)
0
2
4
6
8
10
12
14
16
VIN
VCC
0
5
10
15
20
25
30
35
0
2
4
6
8
10
ICC (mA)
LM5026
www.ti.com
SNVS363D – AUGUST 2005 – REVISED APRIL 2013
Typical Performance Characteristics
VCC Regulator Start-up Characteristics, VCC
VCC
vs
vs
Vin
ICC
Figure 5.
Figure 6.
VREF
Soft-start, Soft-stop and Restart Current
vs
vs
IREF
Temperature
Figure 7.
Figure 8.
Oscillator Frequency
Oscillator Frequency
vs
vs
RT
Temperature
Figure 9.
Figure 10.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5026


Número de pieza similar - LM5026_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Descripción similar - LM5026_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com