Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5032 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM5032
Descripción Electrónicos  High-Voltage Dual Interleaved Current Mode Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5032_15 Datasheet HTML 6Page - Texas Instruments LM5032_15 Datasheet HTML 7Page - Texas Instruments LM5032_15 Datasheet HTML 8Page - Texas Instruments LM5032_15 Datasheet HTML 9Page - Texas Instruments LM5032_15 Datasheet HTML 10Page - Texas Instruments LM5032_15 Datasheet HTML 11Page - Texas Instruments LM5032_15 Datasheet HTML 12Page - Texas Instruments LM5032_15 Datasheet HTML 13Page - Texas Instruments LM5032_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM5032 contains all the features necessary to implement two independently regulated current mode dc/dc
converters, or a single high current converter comprised of two parallel interleaved channels using the Forward
converter topology. The two controllers operate 180° out of phase from a common oscillator, thereby reducing
input ripple current. Each regulator channel contains a complete PWM controller, current sense input, soft-start
circuit, and gate driver output. Common to both channels are the startup and VCC regulator, line under-voltage
lockout, 2 MHz capable oscillator, maximum duty cycle control, and the hiccup mode fault protection circuit.
The gate driver outputs (OUT1, OUT2) are designed to drive N-channel MOSFETs. Their compound
configuration reduces the turn-off-time, thereby reducing switching losses. Additional features include thermal
shutdown, slope compensation, and the oscillator synchronization capability.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032


Número de pieza similar - LM5032_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller
More results

Descripción similar - LM5032_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller
logo
National Semiconductor ...
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
   High Voltage Dual Interleaved Current Mode Controller
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com