Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4128DMFX-4.1/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4128DMFX-4.1/NOPB
Descripción Electrónicos  SOT-23 Precision Micropower Series Voltage Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4128DMFX-4.1/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4128DMFX-4.1/NOPB Datasheet HTML 1Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 2Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 3Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 4Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 5Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 6Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 7Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 8Page - Texas Instruments LM4128DMFX-4.1/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM4128, LM4128Q
www.ti.com
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
Electrical Characteristics
LM4128-1.8 (VOUT = 1.8V)
Limits in standard type are for TJ = 25°C only, and limits in boldface type apply over the junction temperature (TJ) range of -
40°C to +125°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise specified VIN = 5V and ILOAD = 0A.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Unit
VREF
Output Voltage Initial Accuracy
LM4128A-1.8
(A Grade - 0.1%)
-0.1
+0.1
LM4128B-1.8
(B Grade - 0.2%)
-0.2
+0.2
%
LM4128C-1.8
(C Grade - 0.5%)
-0.5
+0.5
LM4128D-1.8
(D Grade - 1.0%)
-1.0
+1.0
TCVREF / °C
(3)
LM4128A-1.8
75
LM4128B-1.8
75
Temperature Coefficient
ppm / °C
LM4128C-1.8
100
LM4128D-1.8
100
IQ
Supply Current
60
100
µA
IQ_SD
Supply Current in Shutdown
EN = 0V
3
7
µA
ΔVREF/ΔVIN
Line Regulation
VREF + 400 mV ≤ VIN ≤ 5.5V
30
ppm / V
ΔVREF/ΔILOAD
Load Regulation
0 mA
≤ ILOAD ≤ 20 mA
25
120
ppm / mA
ΔVREF
Long Term Stability(4)
1000 Hrs
50
ppm
Thermal Hysteresis(5)
-40°C
≤ TJ ≤ +125°C
75
VIN - VREF
Dropout Voltage(6)
ILOAD = 10 mA
200
400
mV
VN
Output Noise Voltage
0.1 Hz to 10 Hz
170
µVPP
ISC
Short Circuit Current
75
mA
VIL
Enable Pin Maximum Low Input Level
35
%V
VIH
Enable Pin Minimum High Input Level
65
%V
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Temperature coefficient is measured by the "Box" method; i.e., the maximum
ΔVREF is divided by the maximum ΔT.
(4)
Long term stability is VREF @25°C measured during 1000 hrs.
(5)
Thermal hysteresis is defined as the change in +25°C output voltage before and after cycling the device from (-40°C to 125°C).
(6)
Dropout voltage is defined as the minimum input to output differential at which the output voltage drops by 0.5% below the value
measured with a 5V input.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4128 LM4128Q


Número de pieza similar - LM4128DMFX-4.1/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4128DMFX-4.1/NOPB TI1-LM4128DMFX-4.1/NOPB Datasheet
987Kb / 33P
[Old version datasheet]   LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
More results

Descripción similar - LM4128DMFX-4.1/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4128AMF-4 TI1-LM4128AMF-4 Datasheet
987Kb / 33P
[Old version datasheet]   LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com