Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4128DQ1MFX4.1/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4128DQ1MFX4.1/NOPB
Descripción Electrónicos  SOT-23 Precision Micropower Series Voltage Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4128DQ1MFX4.1/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4128DQ1MFX4.1/NOPB Datasheet HTML 6Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 7Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 8Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 9Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 10Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 11Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 12Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 13Page - Texas Instruments LM4128DQ1MFX4.1/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
20
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (mA)
5
10
15
125
oC
25
oC
-40
oC
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
125°C
25°C
-40°C
5.5
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
INPUT VOLTAGE (V)
0
200
400
600
800
1000
-200
-150
-100
-50
0
50
100
150
200
TIME (Hours)
1 TYPICAL UNIT FROM EACH
VOLTAGE OPTION
0
5
10
15
20
0
600
LOAD CURRENT (mA)
200
400
-40
°C
LM4128, LM4128Q
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics for 2.5V (continued)
Dropout vs Load to 0.5% Accuracy
Typical Long Term Stability
Figure 7.
Figure 8.
Supply Current vs Input Voltage
Shutdown IQ vs Input Voltage
Figure 9.
Figure 10.
Ground Current vs Load Current
Line Transient Response VIN = 3V to 5V
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4128 LM4128Q


Número de pieza similar - LM4128DQ1MFX4.1/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4128DQ1MFX4.1/NOPB TI1-LM4128DQ1MFX4.1/NOPB Datasheet
987Kb / 33P
[Old version datasheet]   LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
LM4128DQ1MFX4.1/NOPB TI1-LM4128DQ1MFX4.1/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results

Descripción similar - LM4128DQ1MFX4.1/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4128AMF-4 TI1-LM4128AMF-4 Datasheet
987Kb / 33P
[Old version datasheet]   LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com