Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-523-E Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza STK672-523-E
Descripción Electrónicos  2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-523-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK672-523-E Datasheet HTML 2Page - ON Semiconductor STK672-523-E Datasheet HTML 3Page - ON Semiconductor STK672-523-E Datasheet HTML 4Page - ON Semiconductor STK672-523-E Datasheet HTML 5Page - ON Semiconductor STK672-523-E Datasheet HTML 6Page - ON Semiconductor STK672-523-E Datasheet HTML 7Page - ON Semiconductor STK672-523-E Datasheet HTML 8Page - ON Semiconductor STK672-523-E Datasheet HTML 9Page - ON Semiconductor STK672-523-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
STK672-523-E
No. A2110-6/22
• Motor current peak value IOH setting
• When RO2 is open
IOH= [Vref×1k/(1k+3.9k)] ÷Rs= (Vref÷4.9) ÷Rs
The values 1k and 3.9k represent internal driver resistance values, while Rs represents the internal driver current
detection resistance.
Vref= (4.9k
÷ (4.9k+RO1)) ×5V (or 3.3V) =IOH×4.9×Rs
The value 4.9k represents the series resistance value of the internal driver values of 1k and 3.9k.
• If RO2 is connected
IOH= [Vref×1k/ (1k+3.9k)] ÷Rs= (Vref÷4.9) ÷Rs
The values 1k and 3.9k represent the internal driver resistance values, while Rs represents the internal driver current
detection resistance.
Vref= (R0x
÷ (RO1+R0x)) ×5V (or 3.3V) =IOH×4.9×Rs
= [(4.9k
×RO2) ÷ ((4.9k×RO2) +RO1× (4.9k+RO2))] ×5V(or 3.3V)
R0x= (4.9k
×RO2) ÷ (4.9k+RO2)
Rs represents the current detection resistance inside the HIC, while the value 4.9k in the formula above represents the
internal resistance value of the Vref pin.
Rs=0.11
Ω when using the STK672-543-E
Rs=0.165
Ω when using the STK672-533-E
Rs=0.33
Ω when using the STK672-523-E
[Smoke Emission Precuations]
If any of the output pins 2, 3, 4, and 5 is held open, the electrical stress onto the driver due to the inductive energy
accumulated in the motor could cause short-circuit followed by permanent damage to the internal MOSFET. As a result,
the STK672-523-E may give rise to emit smoke.
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
CLOCK
9
Reference clock for motor phase current switching
Operates on the rising edge of the signal
MODE
8
Excitation mode selection
Low: 2-phase excitation
High: 1-2 phase excitation
CWB
10
Motor direction switching
Low: CW (forward)
High: CCW (reverse)
RESETB
11
System reset and A, AB, B, and BB outputs cutoff.
Applications must apply a reset signal for at least 10
μs
when VDD is first applied.
A reset is applied by a low level
ENABLE
12
The A, AB, B, and BB outputs are turned off, and after
operation is restored by returning the ENABLE pin to the
high level, operation continues with the same excitation
timing as before the low-level input.
The A, AB, B, and BB outputs are turned off by a low-
level input.
(1) A simple reset function is formed from D1, CO2, RO3, and RO4 in this application circuit. With the CLOCK input
held low, when the 5V supply voltage is brought up a reset is applied if the motor output phases A and BB are
driven. If the 5V supply voltage rise time is slow (over 50ms), the motor output phases A and BB may not be driven.
Increase the value of the capacitor CO2 and check circuit operation again.
(2) See the timing chart for the concrete details on circuit operation.
IOH
0


Número de pieza similar - STK672-523-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-523-E SANYO-STK672-523-E Datasheet
132Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Descripción similar - STK672-523-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com