Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP230-50 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

No. de pieza FP230-50
Descripción Electrónicos  PC Mount: Flat Pack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIAD [TRIAD MAGNETICS]
Página de inicio  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FP230-50 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FP230-50 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
PC Mount: Flat Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
4
37
8
6
5
5
6
8
7
34
2
1
.060 DIA HOLES
B
E
E
E
F
A
C
D
FP230-50
Electrical Specifications (@25C)
1. Maximum Power: 12.0 VA
2. Primary Voltage:
Series:
230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
230.0VCT @ 0.050Amps
Parallel:
120.0V @ 0.100Amps
Description:
The FP230-50 is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on two dual channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 2000V between
primary and secondary windings and 1500V between the primary / secondary
windings and the core.
Agency File:
UL: File E53148, UL 506, Class B General Purpose Transformer,
cUL: File E53148, UL 506, Class B General Purpose Transformer, Canadian Use
Dimensions:
A
B
C
D
E
F
2.500
2.00
1.062
0.267
0.500
2.00
Units: In inches
Weight:
11.0 oz
Pin Dimension: .020 x .041 in
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.


Número de pieza similar - FP230-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRIAD MAGNETICS
FP230-10 TRIAD-FP230-10 Datasheet
51Kb / 1P
   PC Mount: Flat Pack
FP230-25 TRIAD-FP230-25 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
More results

Descripción similar - FP230-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRIAD MAGNETICS
FP56-425 TRIAD-FP56-425 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP56-45 TRIAD-FP56-45_13 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-100 TRIAD-FP120-100 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP56-100 TRIAD-FP56-100_13 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
   PC Mount: Flat Pack
FP56-200 TRIAD-FP56-200_13 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-28 TRIAD-FP88-28 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-130 TRIAD-FP88-130 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-20 TRIAD-FP120-20 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP120-50 TRIAD-FP120-50 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
FP88-65 TRIAD-FP88-65 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com